Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS39152CM518 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS39152CM518
Description  1.5A Ultra Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39152CM518 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS39152CM518 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39152CM518 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39152CM518 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39152CM518 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39152CM518 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39152CM518 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39152CM518 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS39151/52
5-5
2004/09 rev. A
Application Information
Application Information
The TS39151/52 series are high performance with low
dropout voltage regulator suitable for moderate to high
current
and
voltage
regulator
application.
Its
400mV(typ) dropout voltage at full load and over
temperature makes it especially valuable in battery
power systems and as high efficiency noise filters in
post regulator applications. Unlike normal NPN
transistor design, where the base to emitter voltage
drop and collector to emitter saturation voltage limit the
minimum dropout voltage, dropout performance of the
PNP output of these devices is limited only by low Vce
saturation voltage.
The TS39151/52 series is fully protected from damage
due to fault conditions. Linear current limiting is
provided. Output current during overload conditions is
constant. Thermal shutdown the device when the die
temperature exceeds the maximum safe operating
temperature. Transient protection allows device survival
even when the input voltage spikes above and below
nominal. The output structure of these regulators allows
voltages in excess of the desired output voltage to be
applied without reverse current flow.
Capacitor Requirement
The TS39151/52 series requires an output capacitor to
maintain stability and improve transient response is
necessary. The value of this capacitor is dependent
upon the output current, lower currents allow smaller
capacitors. TS39151/52 series regulators are stable
with the 10uF minimum capacitor value at full load.
Where the regulator is powered from a source with high
AC impedance, a 0.1uF capacitor connected between
input and ground is recommended. The capacitor
should have good characteristics to above 250KHz. The
capacitance values will be help to improved transient
response, ripple rejection and output noise.
Minimum Load Current
The TS39151/52 series is specified between finite
loads. If the output current is too small leakage currents
dominate and the output voltage rises. A 10mA
minimum load current swamps any expected leakage
current across the operating temperature range.
Thermal Characteristics
TS39151/52 series linear regulators are simple to use,
the most complicated design parameters to consider
are thermal characteristics, thermal design requires the
following application specification parameters:
Maximum ambient temperature, Ta
Output current, Iout
Output voltage, Vout
Input voltage, Vin
We calculate the power dissipation of the regulator
from these numbers and the device parameters from
this data sheet. A heatsink may be required depending
on the maximum power dissipation and maximum
ambient temperature of the application. Under all
possible operating conditions, the junction temperature
must be within the range specified under absolute
maximum ratings. To determine if the heatsink is
required, the power dissipated by the regulator, PD
must be calculated.
The below formula shows the voltages and currents for
calculating the PD in the regulator:
Iin = IL / IG
PD = (Vin-Vout) * IL + (Vin) * IG
Ex. PD = (3.3V-2.5V) * 0.5A + 3.3V * 11mA
= 400mW + 36mW
= 436mW
Remark: IL is output load current,
IG is ground current.
Vin is input voltage
Vout is output voltage
The next parameter which must be calculated is the
maximum allowable temperature rise, TR(max). this is
calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction
temperature, which is 125
oC for commercial
grade parts.
TA(max)
is
the
maximum
ambient
temperature which will be encountered in the
application. Using the calculated values for TR(max)
and PD, the maximum allowable value for the junction
to ambient thermal resistance, θja, can now be found:
θja = TR(max) / PD


Similar Part No. - TS39152CM518

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39152CM5 TSC-TS39152CM5 Datasheet
520Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39152CM5RN TSC-TS39152CM5RN Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39152CM518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com