Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2411DCU6 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC2411DCU6
Description  General Purpose Dual NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC2411DCU6 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC2411DCU6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC2411DCU6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC2411DCU6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSC2411D
1-1
2004/06 rev. A
TSC2411D
General Purpose Dual NPN Transistor
BVCEO = 40V
Ic = 600mA
VCE (SAT), = 0.2V(typ.) @Ic / Ib = 500mA / 50mA
Ordering Information
Part No.
Packing
Package
Marking
TSC2411DCU6
3kpcs / reel SOT-363
1PR
Features
Two TSC2411 chips in a STO-363 package
Transistor elements are independent, eliminating
interference
Optimal for low voltage operation
Structure
Epitaxial planar type.
Mounting possible with SOT-323 automatic mounting
machines.
Complementary to TSA1036DCU6
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
60V
V
Collector-Emitter Voltage
VCEO
40V
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
0.6
A
Collector Power Dissipation (note)
PD
200 (total)
mW
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. 150mW per element must not be exceeded.
Electrical Characteristics (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Voltage
IC = 100uA, IE = 0
BVCBO
60
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
BVCEO
40
--
--
V
Emitter-Base Breakdown Voltage
IE = 10uA, IC = 0
BVEBO
6
--
--
V
Collector Cutoff Current
VCE = 35V, VEB = 0.4V
ICE
--
--
0.1
uA
Collector-Emitter Saturation Voltage
IC / IB = 150mA / 15mA
VCE(SAT)1
--
--
0.4
V
Collector-Emitter Saturation Voltage
IC / IB = 500mA / 50mA
VCE(SAT)2
--
0.20
0.75
V
VCE = 1V, IC = 100uA
hFE 1
20
--
--
VCE = 1V, IC = 1mA
hFE 2
40
--
--
VCE = 1V, IC = 10mA
hFE 3
80
--
--
VCE = 1V, IC = 150mA
hFE 4
82
--
390
DC Current Transfer Ratio
VCE = 2V, IC = 500mA
hFE 5
40
--
--
Transition Frequency
VCE =5V, IC=20mA, f=100MHz
fT
--
250
--
MHz
Output Capacitance
VCB = 5V, f=1MHz
Cob
--
6
--
pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
Pin assignment:
1. Emitter 1
2. Base 1
3. Collector 2
6. Collector 1
5. Base 2
4. Emitter 2


Similar Part No. - TSC2411DCU6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC2411 TSC-TSC2411 Datasheet
44Kb / 3P
   General Purpose NPN Transistor
TSC2411 TSC-TSC2411 Datasheet
314Kb / 4P
   General Purpose NPN Transistor
TSC2411CX TSC-TSC2411CX Datasheet
44Kb / 3P
   General Purpose NPN Transistor
TSC2411CXP TSC-TSC2411CXP Datasheet
44Kb / 3P
   General Purpose NPN Transistor
TSC2411CXQ TSC-TSC2411CXQ Datasheet
44Kb / 3P
   General Purpose NPN Transistor
More results

Similar Description - TSC2411DCU6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BC847BS-AU PANJIT-BC847BS-AU Datasheet
239Kb / 7P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Pan Jit International I...
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
   DUAL NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
MBT3904DW WEITRON-MBT3904DW Datasheet
244Kb / 7P
   Dual General Purpose Transistor NPNNPN Silicon
logo
ON Semiconductor
BC847BPDXV6 ONSEMI-BC847BPDXV6_13 Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
logo
Pan Jit International I...
MMDT3904TB6 PANJIT-MMDT3904TB6 Datasheet
130Kb / 4P
   DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
EMX2DXV6T5 ONSEMI-EMX2DXV6T5 Datasheet
127Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 2
EMX1DXV6T1 ONSEMI-EMX1DXV6T1 Datasheet
56Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com