Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AVC32T245NMJ Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AVC32T245NMJ
Description  SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC32T245NMJ Datasheet(HTML) 1 Page - Texas Instruments

  SN74AVC32T245NMJ Datasheet HTML 1Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 2Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 3Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 4Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 5Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 6Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 7Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 8Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver
With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
1 Features
• Member of the Texas Instruments Widebus+
Family
• Control Inputs VIH/VIL Levels Referenced to VCCA
Voltage
• VCC Isolation Feature – If Either VCC Input is at
GND, Both Ports are in the High-Impedance State
• Overvoltage-Tolerant Inputs/Outputs Allow Mixed-
Voltage-Mode Data Communications
• Fully Configurable Dual-Rail Design Allows Each
Port to Operate Over Full 1.2 V to 3.6 V Power-
Supply Range
• Ioff Supports Partial-Power-Down Mode Operation
• 4.6 V Tolerant I/Os
• Max Data Rates
– 380 Mbps (1.8 V to 3.3 V Level-Shifting)
– 200 Mbps (< 1.8 V to 3.3 V Level-Shifting)
– 200 Mbps (Translate to 2.5 V or 1.8 V)
– 150 Mbps (Translate to 1.5 V)
– 100 Mbps (Translate to 1.2 V)
• Latch-Up Performance Exceeds 100 mA Per JESD
78, Class II
• ESD Protection Exceeds JESD 22
– 4000 V Human-Body Model (A114-A)
– 1000 V Charged-Device Model (C101)
2 Applications
• Personal Electronics
• Industrial
• Enterprise
• Telecom
3 Description
This 32-bit noninverting bus transceiver uses two
separate, configurable power-supply rails. The
SN74AVC32T245 device is optimized to operate with
VCCA/VCCB set from 1.4 V to 3.6 V. It is operational
with VCCA/VCCB as low as 1.2 V. The A port is
designed to track VCCA. VCCA and accepts any supply
voltage from 1.2 V to 3.6 V. The B port is designed to
track VCCB. VCCB and accepts any supply voltage from
1.2 V to 3.6 V. This allows for universal low-voltage
bidirectional translation between any of the 1.2 V,
1.5V, 1.8 V, 2.5 V, and 3.3 V voltage nodes.
The SN74AVC32T245 is designed for asynchronous
communication between data buses. The device
transmits data from the A bus to the B bus or from the
B bus to the A bus, depending on the logic level at the
direction-control (DIR) input. The output-enable ( OE)
input can disable the outputs so the buses are
effectively isolated.
The SN74AVC32T245 is designed so that the control
pins (1DIR, 2DIR, 3DIR, 4DIR, 1 OE, 2 OE, 3 OE, and
4 OE) are supplied by VCCA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
The VCC isolation feature ensures that if either VCC
input is at GND, then both ports are in the high-
impedance state.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74AVC32T245ZXE/
GKE
LFBGA (96)
13.50 mm × 5.50
mm
SN74AVC32T245ZRL
BGA MICROSTAR
JUNIOR (96)
8.50 mm × 3.50
mm
SN74AVC32T245NMJ
nFBGA(96)
8.50 mm × 3.50
mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
To Seven Other Channels
1DIR
1A1
1B1
1OE
To Seven Other Channels
2DIR
2A1
2B1
2OE
A3
A5
H3
E5
A4
A2
H4
E2
To Seven Other Channels
3DIR
3A1
3B1
3OE
To Seven Other Channels
4DIR
4A1
4B1
4OE
J3
J5
T3
N5
J4
J2
T4
N2
Figure 3-1. Logic Diagram
www.ti.com
SN74AVC32T245
SCES553G – MAY 2004 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74AVC32T245
SN74AVC32T245
SCES553G – MAY 2004 – REVISED JULY 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AVC32T245NMJ

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC32T245NMJ

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
SN74AVCH4T245 TI1-SN74AVCH4T245_18 Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245-EP TI1-SN74LVC8T245-EP_17 Datasheet
1,006Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com