Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS9001 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. TS9001
Description  300mA CMOS Low Dropout Voltage Regulator with Enable
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

TS9001 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9001 series
1-5
2003/12 rev. A
TS9001
300mA CMOS Low Dropout Voltage Regulator with Enable
Low Drop Out Voltage 0.4V
Enable Shutdown
General Description
The TS9011 series is a positive voltage linear regulator developed utilizing CMOS technology featured low quiescent
current (30uA typ.), low dropout voltage, and high output voltage accuracy, making them ideal for battery applications.
The Chip Enable (CE) includes a CMOS or TTL compatible input allows the output to be turned off to prolong battery life.
The TS9001 series is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown, and a reference bypass pin to improve its already excellent low-noise performance.
This series are offered in 5-pin SOT-25 package.
Features
Dropout voltage typically 0.4V@Io=300mA (Vo>2.5V)
Output current up to 300mA
Low power consumption
Output voltage +/-2%
Internal current limit and thermal shutdown
Thermal shutdown protection
Ordering Information
Note: Where x denotes voltage option, available are
A
=1.5V
D
=1.8V,
K
=2.5V,
P
=3.0V,
S
=3.3V,
Contact factory for additional voltage options.
Part No.
Operating Temp.
(Ambient)
Package
TS9001xCX5
-40 ~ +85
oC
SOT-25
Applications
Palmtops
Video recorders
Battery powered equipment
PC peripherals
High-efficiency linear power supplies
Digital signal camera
Block Diagram
Typical Application Circuit
Pin assignment
1. Input
2. Ground
3. Enable
4. Bypass
5. Output


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn