Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

20SQ040 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part No. 20SQ040
Description  Photovoltaic Solar Cell Protection Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

20SQ040 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  20SQ040 Datasheet HTML 1Page - HY ELECTRONIC CORP. 20SQ040 Datasheet HTML 2Page - HY ELECTRONIC CORP. 20SQ040 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
R-6
Low power loss, high efficiency
High current capability, low VF
RoHS
High surge capacity
COMPLIANT
Mechanical Data
Case: JEDEC R-6 molded plastic
Polarity: Color band denotes cathode
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
For use in solar cell junction box as a bypass diode
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Current @ Tc=170 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load ( JEDEC Method )
Peak Forward Voltage at 20A DC ( Note1 )
VF
V
Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25℃
Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=125℃
Typical Thermal Resistance Junction to Case
RθJC
℃/W
Junction Temperature Range
TJ
Storage Temperature Range
TSTG
20SQ040-A-00-00
Rev. 11, 18-May-2020
Photovoltaic Solar Cell Protection
Schottky Diode
20
20SQ040
20SQ040
Reverse Voltage - 40 Volts
Forward Current - 20.0 Amperes
Pb
Package Outline Dimensions in Inches (Millimeters)
40
28
40
2. The typical data above is for reference only.
IFSM
IR
mA
80
0.5
2.5
-55 to+200
-55 to+200
Notes: 1. 300uS pulse width, 2%duty cycle.
A
0.53
450


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn