Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5205CX525 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS5205CX525
Description  150mA Low Noise LDO Voltage Regulator with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5205CX525 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5205CX525 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5205CX525 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5205CX525 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5205CX525 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5205CX525 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5205CX525 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS5205 series
1-6
2004/09 rev. A
TS5205
150mA Low Noise LDO Voltage Regulator with Enable
Low Power Consumption
Low DropOut Voltage 0.275V
Fixed and Adjustable Output
Enable Shutdown
General Description
The TS5205 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically
17mV at light loads and 165mV at 150mA), and very low power consumption (600uA at 100mA), providing high output
current even when the application requires very low dropout voltage. The Chip Enable (CE) includes a CMOS or TTL
compatible input allows the output to be turned off to prolong battery life. When shutdown, power consumption drops
nearly to zero.
The TS5205 series is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown, revered battery protection and a reference bypass pin to improve its already excellent low-noise
performance.
The TS5205 series is available in fixed and adjustable output voltage version in 5-pin SOT-25 package.
Features
Ultra low noise output.
Output current up to 150mA
Low dropout voltage
Low power consumption
“Zero” off-mode current
Logic controlled electronic enable
Internal current limit and Thermal shutdown protection
Applications
Cellular telephones
Palmtops, notebook computers
Battery powered equipment
Consumer and personal electronics
SMPS post regulator and DC to DC modules
High-efficiency linear power supplies
Ordering Information
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 3.0V, 2.9V, 2.8V, 2.5V and 1.8V. Leave
blank for adjustable version. Contact factory for
additional voltage options.
Part No.
Operating Temp.
Package
TS5205CX5xx
-40 ~ +125
oC
SOT-25
Typical Application Circuit
Pin assignment
1. Input
2. Ground
3. Enable
4. Bypass / Adjust
5. Output


Similar Part No. - TS5205CX525

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205CX5 TSC-TS5205CX5 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205CX5 TSC-TS5205CX5 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX5RF TSC-TS5205CX5RF Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX5RFG TSC-TS5205CX5RFG Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
More results

Similar Description - TS5205CX525

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com