Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS5205 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part No. TS5205
Description  150mA Low Noise LDO Voltage Regulator with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5205 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS5205 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS5205 series
5-6
2004/09 rev. A
Application Information (continues)
Thermal Characteristics
TS5205 series is designed to provide 150mA of
continuous current in a very small package. Maximum
power dissipation can be calculated based on the
output current and the voltage drop across the part. To
determine the maximum power dissipation of the
package, use the junction-ambient thermal resistance
of the device and the following basic equation:
Pd(max) = [ Tj(max) – Ta ] /Θja
Tj(max) is the maximum junction temperature of the
die(125
oC), and Ta is the ambient operating
temperature. Θja is layout dependent, the actual power
dissipation of the regulator circuit can be determined
using the equation:
Pd = ( Vin – Vout ) * Iout + Vin * Ignd
Substituting Pd(max) for Pd and solving for the
operating conditions that are critical to the application
will give the maximum operating conditions for the
regulator circuit. For example, when operating the
TS5205CX533 at room temperature with a minimum
footprint layout, the maximum input voltage for a set
output current can be determined as follows:
Pd(max) = (125
oC – 25oC) / 220oC/W
Pd(max) = 455mW
The junction to ambient thermal resistance for the
minimum footprint is 220
oC/W, the maximum power
dissipation must not be exceeded for proper operation.
Using the output voltage of 3.3V and an output current
of 150mA, the maximum input voltage can be
determined. Formt eh electrical characteristics table,
the maximum ground current for 150mA output current
is 2.5mA.
445mW = ( Vin – 3.3V ) * 150mA + Vin * 2.5mA
445mW = Vin * 150mA – 3.3 * 150mA + Vin * 2.5mA
445mW = Vin * 150mA – 495mW + Vin * 2.5mA
950mW = Vin * 152.5mA
Vin(max) = 6.23v
Therefore, a 3.3V application at 150mA of output
current can accept a maximum input voltage of 6.23V
in a SOT-25 package.
Fixed Output Regulator Application
Ultra Low Noise Fixed Voltage Application
Includes a 470uF capacitor for low noise operation and
shows EN connected to IN for an application where
enable/shutdown
is
not
required.
Cout=
2.2uF
minimum.
Low Noise Fixed Voltage Application
An example of a low noise configuration where Cbypass
is not required. Cout= 1uF minimum


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn