Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5205 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS5205
Description  150mA Low Noise LDO Voltage Regulator with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5205 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS5205 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS5205 series
3-6
2004/09 rev. A
Electrical Characteristics (continued)
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The maximum allowable power dissipation at any Ta is Pd(max) = [ Tj(max) - Ta] + Өja. Exceeding the
maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into
thermal shutdown.
Note 3: The device is not guaranteed to function outside its operating rating.
Note 4: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested
for load regulation in the load range from 1mA to 150mA. Changes in output voltage due to heating effects
are covered by the thermal regulation specification.
Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 7: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.
Note 8: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation
is applied, excluding load or line regulation effects. Specifications are for a 150mA load pulse at Vin=16V for
t=10mS.
Block Diagrams


Similar Part No. - TS5205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX5 TSC-TS5205CX5 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205CX5 TSC-TS5205CX5 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX5RF TSC-TS5205CX5RF Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX5RFG TSC-TS5205CX5RFG Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
More results

Similar Description - TS5205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com