Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2940CZ33 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2940CZ33
Description  1A Ultra Low Dropout Fixed Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2940CZ33 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2940CZ33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2940CZ33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2940CZ33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2940CZ33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2940CZ33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2940CZ33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS2940
5-6
2003/12 rev. B
TO-220 Mechanical Drawing
I
J
E
G
F
D
B
A
M
N
O
L
K
P
TO-220 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
3.240
4.440
0.128
0.175
C
2.440
2.940
0.096
0.116
D
-
6.350
-
0.250
E
0.381
1.106
0.015
0.040
F
2.345
2.715
0.092
0.058
G
4.690
5.430
0.092
0.107
H
12.700
14.732
0.500
0.581
I
8.382
9.017
0.330
0.355
J
14.224
16.510
0.560
0.650
K
3.556
4.826
0.140
0.190
L
0.508
1.397
0.020
0.055
M
27.700
29.620
1.060
1.230
N
2.032
2.921
0.080
0.115
O
0.255
0.610
0.010
0.024
P
5.842
6.858
0.230
0.270
TO-263 Mechanical Drawing
A
D
B
C
H
G
E
F
I
TO-263 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
14.605
15.875
0.575
0.625
C
0.508
0.991
0.020
0.039
D
2.420
2.660
0.095
0.105
E
4.064
4.830
0.160
0.190
F
1.118
1.400
0.045
0.055
G
0.450
0.730
0.018
0.029
H
8.280
8.800
0.325
0.346
I
1.140
1.400
0.044
0.055
J
1.480
1.520
0.058
0.060


Similar Part No. - TS2940CZ33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2940CZ TSC-TS2940CZ Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS2940CZC0 TSC-TS2940CZC0 Datasheet
579Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS2940CZ33

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
UNISEM
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com