Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD10000V Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FPD10000V
Description  10W POWER PHEMT FOR WIMAX POWER AMPLIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD10000V Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FPD10000V Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD10000V Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD10000V Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PRELIMINARY
FPD10000V
10W POWER PHEMT FOR WIMAX POWER AMPLIFIERS
Phone: +1 408 850-5790
http:/www.filtronic.co.uk/semis
Revised: 8/5/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
APPLICATIONS NOTES & DESIGN DATA
Recommendations on matching circuits is available from your local Filtronic Sales Representative or
directly from the factory. User must ensure that proper bias sequencing is observed: Gate bias
must be applied before Drain bias, and during power-down the Drain bias must be removed
first.
BONDING / ASSEMBLY DIAGRAM
Notes:
25
µm (0.001 in.) gold wire is recommended. No Source wire bonds are needed, device
features Source thru-vias. 16 bonds each side, Gate and Drain.
User must ensure that the die attach material is uniform and free of voiding underneath the
die to ensure proper thermal heatsinking. A useful guideline is a 0.001 – 0.002 in. (0.025 –
0.050 mm) fillet of die attach material all around the periphery of the die.
All information and specifications are subject to change without notice.


Similar Part No. - FPD10000V

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
   10W PACKAGED POWER PHEMT
More results

Similar Description - FPD10000V

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
   10W PACKAGED POWER PHEMT
logo
Analog Devices
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
California Eastern Labs
UPG2409T6X CEL-UPG2409T6X Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409TB CEL-UPG2409TB Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409T6X CEL-UPG2409T6X_09 Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409TB CEL-UPG2409TB_09 Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
logo
Filtronic Compound Semi...
FMA3016-QFN FILTRONIC-FMA3016-QFN Datasheet
617Kb / 6P
   3.5GHz High Power Amplifier for WiMAX applications
logo
Maxim Integrated Produc...
MAX2692 MAXIM-MAX2692 Datasheet
1Mb / 10P
   WLAN/WiMAX Low-Noise Amplifiers
Rev 0; 9/11
logo
NXP Semiconductors
BLF6G38-10 PHILIPS-BLF6G38-10_15 Datasheet
351Kb / 16P
   WiMAX power LDMOS transistor
Rev. 2-6 January 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com