Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH2012M100ES Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RH2012M100ES
Description  THICK FILM CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RH2012M100ES Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RH2012M100ES Datasheet HTML 1Page - List of Unclassifed Manufacturers RH2012M100ES Datasheet HTML 2Page - List of Unclassifed Manufacturers RH2012M100ES Datasheet HTML 3Page - List of Unclassifed Manufacturers RH2012M100ES Datasheet HTML 4Page - List of Unclassifed Manufacturers RH2012M100ES Datasheet HTML 5Page - List of Unclassifed Manufacturers RH2012M100ES Datasheet HTML 6Page - List of Unclassifed Manufacturers RH2012M100ES Datasheet HTML 7Page - List of Unclassifed Manufacturers RH2012M100ES Datasheet HTML 8Page - List of Unclassifed Manufacturers RH2012M100ES Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Descripition
Working Voltage(Max)
Power Derating Curve
Rated Voltage
Resistance Range
Overload Voltage(Max)
50V
100V
50V
100V
50V
100V
150V
300V
200V
400V
200V
400V
200V
400V
200V
400V
RC1005
RC1608
RC2012
RC3216
RC5025
RC6432
Power Rating (W)
at 70
0.063W
0.10W
0.125W
RC3225
0.25W
0.25W
0.5W
1W
D(±0.5%)
F(±1%), G(±2%)
J(±5%)
K(±10%)
Jumper Chip
-
10~1M
10~1M
10~1M
-
10~1M
1~10M
1~10M
-
10~1M
1~10M
1~10M
-
10~1M
1~10M
1~10M
10~1M
10~1M
1~10M
1~10M
10~1M
10~1M
1~10M
1~10M
10~1M
10~1M
1~10M
1~10M
10~1M
10~1M
1~10M
1~10M
50
mmax
-55℃
~ 125℃
-55℃
~ 155℃(For 1608, 2012, 3216)
70℃
Operating
Temperature Range
Rated
Temperature Range
100
80
60
40
20
-40
40
0
80
120
0
GENERAL SPECIFICATION
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
5
The rated power is the maximum continuous loading power
at 70
℃ambient temperature.
For ambient temperature’s above 70
℃the loading power
follows the above power derating curve.
Rated power(w)
×Normal resistance value (W)
(UNIT :
)
Temperature
Coefficient
Resistance Range
Resistance
Tolerance
J (
±5%)
K (
±10%)
G (
±2%)
F (
±1%)
D (
±0.5%)
1
Ω≤R≤10㏁
10
Ω≤R21㏁
1
㏁≤R210㏁
10
Ω≤R21㏁
Temperature Coefficient
±(300/200) PPM/℃
±100 PPM/℃
±3 00 PPM/℃
±100 PPM/℃
Please specify wattage when power rathing at the mark(
) is required at the time of ordering.
100
80
60
40
20
-5
-55
55 70
105
155
0
■1608, 2012, 3216


Similar Part No. - RH2012M100ES

ManufacturerPart #DatasheetDescription
logo
LEM
RH200-P LEM-RH200-P Datasheet
42Kb / 2P
   Coreless Coil Current Transducer RH 100~1000-P
RH200-S LEM-RH200-S Datasheet
73Kb / 2P
   Coreless Coil Current Transducer RH 100~1000-S
logo
Hammond Manufacturing L...
RH20000GY HAMMOND-RH20000GY Datasheet
235Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RH20000LG HAMMOND-RH20000LG Datasheet
235Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RH20000SS HAMMOND-RH20000SS Datasheet
237Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RH2012M100ES

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com