Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD6836SOT343 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part No. FPD6836SOT343
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD6836SOT343 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRELIMINARY
FPD6836SOT343
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 09/15/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
Gain & Noise Figure vs Frequency
5.00
10.00
15.00
20.00
25.00
Frequency (GHz)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
Gain
NF


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FP1510SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP1500SOT223Low Noise High Linearity Packaged PHEMT 1 2 Filtronic Compound Semiconductors
LP1500SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
FPD2250SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750DFNLOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1 2 3 4 5 Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn