Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK14C88-M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. STK14C88-M
Description  32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK14C88-M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK14C88-M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STK14C88-M
April 1999
5-47
HARDWARE MODE SELECTION
Note m: HSB store operation occurs only if an SRAM WRITE has been done since the last nonvolatile cycle. After the store (if any) completes, the part
will go into standby mode, inhibiting all operations until HSB rises.
Note n:
The six consecutive addresses must be in order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note o:
While there are 15 addresses on the STK14C88-M, only the lower 14 are used to control software modes.
Note p:
I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G.
HARDWARE
STORE CYCLE
(VCC = 5.0V ± 10%)
e
Note q:
E and G low and W high for output behavior.
Note r:
tRECOVER is only applicable after tSTORE is complete.
HARDWARE
STORE CYCLE
E
W
HSB
A13 - A0 (hex)
MODE
I/O
POWER
NOTES
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active
p
L
L
H
X
Write SRAM
Input Data
Active
X
X
L
X
Nonvolatile
STORE
Output High Z
lCC2
m
LH
H
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
lCC2
n, o, p
LH
H
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
n, o, p
NO.
SYMBOLS
PARAMETER
STK14C88-M
UNITS
NOTES
Standard
Alternate
MIN
MAX
22
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
i, q
23
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
µs
i, q
24
tRECOVER
tHHQX
Hardware
STORE High to Inhibit Off
700
ns
q, r
25
tHLHX
Hardware
STORE Pulse Width
20
ns
26
tHLBL
Hardware
STORE Low to STORE Busy
300
ns
DATA VALID
HSB (IN)
DQ (DATA OUT)
DATA VALID
25
tHLHX
23
tDELAY
22
tSTORE
24
tRECOVER
HSB (OUT)
HIGH IMPEDANCE
26
tHLBL
HIGH IMPEDANCE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
STK12C68-C20 8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK11C88 32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14C88 32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14D88 32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK15C88 32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88 32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK25CA8 128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module 1  2  3  4  5  More List of Unclassifed Manufacturers
STK12C68-IM CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88-3 32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn