Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK14C88-M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. STK14C88-M
Description  32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK14C88-M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK14C88-M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STK14C88-M
April 1999
5-46
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
e
Note j:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note k:
E or W must be
≥ V
IH during address transitions.
Note l:
HSB must be high during SRAM WRITE cycles.
SRAM WRITE CYCLE #1: W Controlledk, l
SRAM WRITE CYCLE #2: E Controlledk, l
NO.
SYMBOLS
PARAMETER
STK14C88-35M
STK14C88-45M
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
ns
20
tWLQZ
i, j
tWZ
Write Enable to Output Disable
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
ns
E
PREVIOUS DATA
DATA OUT
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tEHDX
DATA IN
13
tWLEH
19
tEHAX
18
tAVEL
17
tAVEH
DATA VALID
15
tDVEH
HIGH IMPEDANCE
14
tELEH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
STK12C68-C20 8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK11C88 32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14C88 32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14D88 32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK15C88 32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88 32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK25CA8 128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module 1  2  3  4  5  More List of Unclassifed Manufacturers
STK12C68-IM CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88-3 32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn