Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK14C88-M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. STK14C88-M
Description  32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK14C88-M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK14C88-M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STK14C88-M
April 1999
5-45
SRAM READ CYCLES #1 & #2
(VCC = 5.0V ± 10%)
e
Note g:
W and HSB must be high during SRAM READ cycles.
Note h:
Device is continuously selected with E and G both low.
Note i:
Measured
± 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledg, h
SRAM READ CYCLE #2: E Controlledg
NO.
SYMBOLS
PARAMETER
STK14C88-35M
STK14C88-45M
UNITS
#1, #2
Alt.
MIN
MAX
MIN
MAX
1tELQV
tACS
Chip Enable Access Time
35
45
ns
2tAVAV
g
tRC
Read Cycle Time
35
45
ns
3tAVQV
h
tAA
Address Access Time
35
45
ns
4tGLQV
tOE
Output Enable to Data Valid
15
20
ns
5tAXQX
h
tOH
Output Hold after Address Change
3
3
ns
6tELQX
tLZ
Chip Enable to Output Active
5
5
ns
7tEHQZ
tHZ
Chip Disable to Output Inactive
13
15
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
ns
9tGHQZ
i
tOHZ
Output Disable to Output Inactive
13
15
ns
10
tELICCH
tPA
Chip Enable to Power Active
0
0
ns
11
tEHICCL
tPS
Chip Disable to Power Standby
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
4
tGLQV
ADDRESS
2
tAVAV
G
ICC
ACTIVE
1
tELQV
9
tGHQZ
10
tELICCH
11
tEHICCL
7
tEHQZ
8
tGLQX
E
DQ (DATA OUT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
STK12C68-C20 8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK11C88 32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14C88 32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14D88 32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK15C88 32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88 32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK25CA8 128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module 1  2  3  4  5  More List of Unclassifed Manufacturers
STK12C68-IM CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88-3 32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn