Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD1500SOT89 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part No. FPD1500SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500SOT89 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD1500SOT89 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FPD1500SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
Typical Intermodulation Performance
VDS = 5V IDS = 50% IDSS at f = 1.85GHz
15.00
17.00
19.00
21.00
23.00
25.00
-1.00
1.00
3.00
5.00
7.00
9.00
11.00
Input Power (dBm)
-55.00
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
Pout
Im3, dBc
Note: pHEMT devices exhibit non-classical intermodulation performance, with equivalent IPvalues
exceeding 14 dB above P1dB. This IMD enhancement is affected by the quiescent bias current, the
Drain-Source voltage, and the tuning or matching applied to the device.
Maximum Stable Gain & S21
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8
Frequency (GHz)
FPD1500SOT89 5V / 50%IDSS
0
5
10
15
20
25
30
35
MSG
S21
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised11/11/05
Fax: +1 408 850-5766
Email: sales@filcsi.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD750DFN LOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1  2  3  4  5  Filtronic Compound Semiconductors
FPD1500DFN LOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1  2  3  4  5  Filtronic Compound Semiconductors
FPD2250DFN LOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1  2  3  4  5  Filtronic Compound Semiconductors
FP1510SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  Filtronic Compound Semiconductors
FPD6836SOT343 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  Filtronic Compound Semiconductors
LP1500SOT223 Low Noise High Linearity Packaged PHEMT 1  2  Filtronic Compound Semiconductors
LP1500SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  Filtronic Compound Semiconductors
LP3000SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  Filtronic Compound Semiconductors
LP750SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  Filtronic Compound Semiconductors
FPD750SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn