Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD1500P100 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD1500P100
Description  1W PACKAGED POWER PHEMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500P100 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD1500P100 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1500P100 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500P100 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FPD1500P100
1W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Released: 6/27/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
FEATURES
♦ 29.5 dBm Linear Output Power
♦ 18 dB Power Gain at 2 GHz
♦ 10.5 dB Maximum Stable Gain at 10 GHz
♦ 39 dBm Output IP3
♦ 45% Power-Added Efficiency at 2 GHz
DESCRIPTION AND APPLICATIONS
The FPD1500P100 is a packaged AlGaAs/InGaAs pseudomorphic High Electron Mobility
Transistor (PHEMT), featuring a 0.25
µm by 1500 µm Schottky barrier gate, defined by high-
resolution stepper-based photolithography. The recessed and offset Gate structure minimizes
parasitics to optimize performance. The epitaxial structure and processing have been optimized for
reliable high-power applications. The FPD1500P100 also features Si3N4 passivation and is also
available in die form and in the low cost plastic SOT89 and DFN plastic packages.
Typical applications include commercial and other narrowband and broadband high-performance
amplifiers, including SATCOM uplink transmitters, PCS/Cellular low-voltage high-efficiency output
amplifiers, and medium-haul digital radio transmitters.
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UNLESS OTHERWISE NOTED, RF SPECIFICATIONS MEASURED AT f = 2 GHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 8 V; IDS = 50% IDSS
28.0
29.5
dBm
Power Gain at P1dB
G1dB
VDS = 8 V; IDS = 50% IDSS
17.5
18.0
dB
Maximum Stable Gain (S21/S12)
SSG
VDS = 8 V; IDS = 50% IDSS
f = 2 GHz
f = 10 GHz
21.5
9.5
22.0
10.5
dB
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 8V; IDS = 50% IDSS
Matched for optimal power
39
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
375
465
550
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
750
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
400
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
15
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 1.5 mA
0.7
1.0
1.3
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 1.5 mA
14.5
16.0
V
Thermal Resistivity (see Notes)
θJC
VDS > 6V
48
°C/W


Similar Part No. - FPD1500P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500 FILTRONIC-FPD1500 Datasheet
156Kb / 3P
   1W POWER PHEMT
logo
RF Micro Devices
FPD1500 RFMD-FPD1500 Datasheet
242Kb / 4P
   1W POWER pHEMT
FPD1500-000 RFMD-FPD1500-000 Datasheet
242Kb / 4P
   1W POWER pHEMT
FPD1500-000S3 RFMD-FPD1500-000S3 Datasheet
242Kb / 4P
   1W POWER pHEMT
FPD1500-000SQ RFMD-FPD1500-000SQ Datasheet
242Kb / 4P
   1W POWER pHEMT
More results

Similar Description - FPD1500P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
   PACKAGED 1W POWER PHEMT
FPD1000AS FILTRONIC-FPD1000AS_1 Datasheet
539Kb / 11P
   1W PACKAGED POWER PHEMT
FPD1000AS FILTRONIC-FPD1000AS Datasheet
533Kb / 8P
   1W PACKAGED POWER PHEMT
logo
Transcom, Inc.
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
   1W Packaged Single-Bias PHEMT GaAs Power FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
   1W POWER PHEMT
LP1500 FILTRONIC-LP1500 Datasheet
40Kb / 2P
   1W POWER PHEMT
logo
RF Micro Devices
FPD1500 RFMD-FPD1500 Datasheet
242Kb / 4P
   1W POWER pHEMT
logo
Filtronic Compound Semi...
FPD1500 FILTRONIC-FPD1500 Datasheet
156Kb / 3P
   1W POWER PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
   PACKAGED 2W POWER PHEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com