Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PB16 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MC9S08PB16
Description  8-Bit S08 central processor unit (CPU)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PB16 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MC9S08PB16 Datasheet HTML 18Page - NXP Semiconductors MC9S08PB16 Datasheet HTML 19Page - NXP Semiconductors MC9S08PB16 Datasheet HTML 20Page - NXP Semiconductors MC9S08PB16 Datasheet HTML 21Page - NXP Semiconductors MC9S08PB16 Datasheet HTML 22Page - NXP Semiconductors MC9S08PB16 Datasheet HTML 23Page - NXP Semiconductors MC9S08PB16 Datasheet HTML 24Page - NXP Semiconductors MC9S08PB16 Datasheet HTML 25Page - NXP Semiconductors MC9S08PB16 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
2. When ICS is configured for FEE or FBE mode, input clock source must be divisible using RDIV to within the range of 31.25
kHz to 39.0625 kHz.
3. See crystal or resonator manufacturer's recommendation.
4. Load capacitors (C1,C2), feedback resistor (RF) and series resistor (RS) are incorporated internally when RANGE = HGO =
0.
5. This parameter is characterized and not tested on each device.
6. Proper PC board layout procedures must be followed to achieve specifications.
7. This specification applies to any time the FLL reference source or reference divider is changed, trim value changed, or
changing from FLL disabled (FBELP, FBILP) to FLL enabled (FEI, FEE, FBE, FBI). If a crystal/resonator is being used as
the reference, this specification assumes it is already running.
8. Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum fBus.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the FLL circuitry via VDD and VSS and variation in crystal oscillator frequency increase the CJitter percentage
for a given interval.
XOSC
EXTAL
XTAL
Crystal or Resonator
RS
C2
RF
C1
Figure 14. Typical crystal or resonator circuit
7.2 NVM specifications
This section provides details about program/erase times and program/erase endurance for
the flash memories.
Table 12. Flash clock timing characteristics
C
Characteristic
Symbol
Min
Typical
Max
Unit1
D
NVM Bus frequency
fNVMBUS
1
20
MHz
D
NVM Operating frequency
fNVMOP
0.8
1.0
1.05
MHz
C
FLASH Program/erase endurance
across operating temperature
nFLPE
10 k
100 k
Cycles
C
Data retention at an average junction
temperature of TJavg = 85 °C after up to
10,000 program/erase cycles
tD_ret
15
100
years
1. tcyc = 1 / fNVMBUS
All timing parameters are a function of the bus clock frequency, FNVMBUS. All program
and erase times are also a function of the NVM operating frequency, fNVMOP.
Peripheral operating requirements and behaviors
MC9S08PB16 Data Sheet, Rev. 2.1, 11/2019
22
NXP Semiconductors


Similar Part No. - MC9S08PB16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08PA16 FREESCALE-MC9S08PA16 Datasheet
586Kb / 33P
   MC9S08PA16 Series
logo
NXP Semiconductors
MC9S08PA16 NXP-MC9S08PA16 Datasheet
757Kb / 36P
   MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
logo
Freescale Semiconductor...
MC9S08PA32 FREESCALE-MC9S08PA32 Datasheet
586Kb / 35P
   MC9S08PA60 Series
logo
NXP Semiconductors
MC9S08PA32A NXP-MC9S08PA32A Datasheet
897Kb / 41P
   MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
MC9S08PA4 NXP-MC9S08PA4 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 8, 08/2018
More results

Similar Description - MC9S08PB16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PT16 NXP-MC9S08PT16 Datasheet
902Kb / 37P
   8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
MC9S08FL16 NXP-MC9S08FL16 Datasheet
461Kb / 30P
   8-Bit S08 Central Processor Unit (CPU)
Rev. 4, 5/2015
logo
Freescale Semiconductor...
MC9S08FL16 FREESCALE-MC9S08FL16 Datasheet
632Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PL16S NXP-MC9S08PL16S Datasheet
670Kb / 30P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
S9S08RN60 NXP-S9S08RN60 Datasheet
687Kb / 36P
   8-Bit S08 central processor unit (CPU)
Rev. 1, 01/2014
logo
Freescale Semiconductor...
MC9S08FL8CBM FREESCALE-MC9S08FL8CBM Datasheet
443Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PA4 NXP-MC9S08PA4 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 8, 08/2018
MC9S08PL60 NXP-MC9S08PL60 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com