Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08PA60A Datasheet(PDF) 18 Page - NXP Semiconductors

Part No. MC9S08PA60A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PA60A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MC9S08PA60A Datasheet HTML 14Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 15Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 16Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 17Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 18Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 19Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 20Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 21Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
6.1.3.1 EMC radiated emissions operating behaviors
Table 6. EMC radiated emissions operating behaviors for 64-pin SOIC package
Symbol
Description
Frequency
band (MHz)
Typ.
Unit
Notes
VRE1
Radiated emissions voltage, band 1
0.15–50
12
dBμV
1, 2
VRE2
Radiated emissions voltage, band 2
50–150
10
dBμV
VRE3
Radiated emissions voltage, band 3
150–500
4
dBμV
VRE4
Radiated emissions voltage, band 4
500–1000
5
dBμV
VRE_IEC
IEC level
0.15–1000
N
2, 3
1. Determined according to IEC Standard 61967-1, Integrated Circuits - Measurement of Electromagnetic Emissions, 150
kHz to 1 GHz Part 1: General Conditions and Definitions and IEC Standard 61967-2, Integrated Circuits - Measurement of
Electromagnetic Emissions, 150 kHz to 1 GHz Part 2: Measurement of Radiated Emissions—TEM Cell and Wideband
TEM Cell Method. Measurements were made while the microcontroller was running basic application code. The reported
emission level is the value of the maximum measured emission, rounded up to the next whole number, from among the
measured orientations in each frequency range.
2. VDD = 5.0 V, TA = 25 °C, fOSC = 10 MHz (crystal), fSYS = 20 MHz, fBUS = 20 MHz
3. Specified according to Annex D of IEC Standard 61967-2, Measurement of Radiated Emissions—TEM Cell and Wideband
TEM Cell Method
Switching specifications
6.2.1 Control timing
Table 7. Control timing
Num
C
Rating
Symbol
Min
Typical1
Max
Unit
1
P
Bus frequency (tcyc = 1/fBus)
fBus
DC
20
MHz
2
P
Internal low power oscillator frequency
fLPO
0.67
1.0
1.25
KHz
3
D
External reset pulse width2
textrst
1.5 ×
tcyc
ns
4
D
Reset low drive
trstdrv
34 × tcyc
ns
5
D
BKGD/MS setup time after issuing background
debug force reset to enter user or BDM modes
tMSSU
500
ns
6
D
BKGD/MS hold time after issuing background
debug force reset to enter user or BDM modes3
tMSH
100
ns
7
D
IRQ pulse width
Asynchronous
path2
tILIH
100
ns
D
Synchronous path4
tIHIL
1.5 × tcyc
ns
8
D
Keyboard interrupt pulse
width
Asynchronous
path2
tILIH
100
ns
D
Synchronous path
tIHIL
1.5 × tcyc
ns
Table continues on the next page...
6.2
Switching specifications
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
18
NXP Semiconductors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn