Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08PA60A Datasheet(PDF) 14 Page - NXP Semiconductors

Part No. MC9S08PA60A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PA60A Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MC9S08PA60A Datasheet HTML 10Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 11Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 12Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 13Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 14Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 15Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 16Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 17Page - NXP Semiconductors MC9S08PA60A Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
IOH(mA)
VDD-VOH(V)
Figure 5. Typical IOH Vs. VDD-VOH (high drive strength) (VDD = 3 V)
IOL(mA)
VOL(V)
Figure 6. Typical IOL Vs. VOL (standard drive strength) (VDD = 5 V)
Nonswitching electrical specifications
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
14
NXP Semiconductors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn