Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PA60 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MC9S08PA60
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PA60 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MC9S08PA60 Datasheet HTML 10Page - NXP Semiconductors MC9S08PA60 Datasheet HTML 11Page - NXP Semiconductors MC9S08PA60 Datasheet HTML 12Page - NXP Semiconductors MC9S08PA60 Datasheet HTML 13Page - NXP Semiconductors MC9S08PA60 Datasheet HTML 14Page - NXP Semiconductors MC9S08PA60 Datasheet HTML 15Page - NXP Semiconductors MC9S08PA60 Datasheet HTML 16Page - NXP Semiconductors MC9S08PA60 Datasheet HTML 17Page - NXP Semiconductors MC9S08PA60 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
IOH(mA)
VDD-VOH(V)
Figure 5. Typical IOH Vs. VDD-VOH (high drive strength) (VDD = 3 V)
IOL(mA)
VOL(V)
Figure 6. Typical IOL Vs. VOL (standard drive strength) (VDD = 5 V)
Nonswitching electrical specifications
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
14
NXP Semiconductors


Similar Part No. - MC9S08PA60

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08PA60 FREESCALE-MC9S08PA60 Datasheet
586Kb / 35P
   MC9S08PA60 Series
More results

Similar Description - MC9S08PA60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PT60 NXP-MC9S08PT60 Datasheet
940Kb / 41P
   MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
MC9S08PA16 NXP-MC9S08PA16 Datasheet
757Kb / 36P
   MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
[Old version datasheet]   Not Recommended for New Design
UCC2570DTR TI1-UCC2570DTR Datasheet
3Mb / 13P
[Old version datasheet]   Not Recommended for New Design
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
SemiHow Co.,Ltd.
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
HRLP80N06K SEMIHOW-HRLP80N06K Datasheet
898Kb / 7P
   Originative New Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com