Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD750SOT89 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part No. FPD750SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD750SOT89 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FPD750SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 01/05/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
ABSOLUTE MAXIMUM RATINGS1
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
-3V < VGS < +0V
8
V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3
V
Drain-Source Current
IDS
For VDS > 2V
IDSS
mA
Gate Current
IG
Forward or reverse current
7.5
mA
RF Input Power2
PIN
Under any acceptable bias state
175
mW
Channel Operating Temperature
TCH
Under any acceptable bias state
175
ºC
Storage Temperature
TSTG
Non-Operating Storage
-40
150
ºC
Total Power Dissipation
PTOT
See De-Rating Note below
1.8
W
Gain Compression
Comp.
Under any bias conditions
5
dB
Simultaneous Combination of Limits3
2 or more Max. Limits
80
%
1TAmbient = 22°C unless otherwise noted
2Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3Users should avoid exceeding 80% of 2 or more Limits simultaneously
Notes:
Operating conditions that exceed the Absolute Maximum Ratings will result in permanent damage to the device.
Total Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where:
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 1.8W – (0.012W/°C) x TPACK
where TPACK = source tab lead temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 65
°C source lead temperature: PTOT = 1.8W – (0.012 x (65 – 22)) = 1.28W
HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A per ESD-STM5.1-1998, Human Body Model.
Further information on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263.
APPLICATIONS NOTES & DESIGN DATA
Applications Notes are available from your local Filtronic Sales Representative or directly from the
factory. Complete design data, including S-parameters, noise data, and large-signal models are
available on the Filtronic web site. Evaluation Boards available upon request.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FP1510SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD6836SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
LP1500SOT223Low Noise High Linearity Packaged PHEMT 1 2 Filtronic Compound Semiconductors
LP1500SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD750SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
FPD2250SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750DFNLOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1 2 3 4 5 Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn