Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD750SOT89 Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part No. FPD750SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD750SOT89 Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FPD750SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 01/05/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
TYPICAL OUTPUT PLANE POWER CONTOURS (VDS = 5V, IDS = 50%IDSS)
1850 MHz
Contours swept with a constant input
power, set so that nominal P1dB is
achieved at the point of optimum output
match.
Input (Source plane)
Γs:
0.50
∠ 142.8º
0.37 + j0.35 (normalized)
18.5 + j17.5 Ω
Nominal IP3 performance is obtained
with this input plane match, and the
output plane match as shown.
900 MHz
Contours swept with a constant input
power, set so that nominal P1dB is
achieved at the point of optimum output
match.
Input (Source plane)
Γs:
0.79
∠ 36.9º
1.0 + j 2.6(normalized)
50 + j130 Ω
Nominal IP3 performance is obtained
with this input plane match, and the
output plane match as shown.
0
1.
0
1.
0
-
1.
10
.0
10.
-
5.
0
5.
-
2.
0
2.
0
-
2.
3.
0
3.
-
4.
0
4.
-
0.
2
0.
-
0.
4
0.
-
0.
6
0.
6
-
0.
0.
8
0.
8
-
0.
Swp Max
145
Swp Min
1
24dBm
23dBm
22dBm
21dBm
20dBm
19dBm
25dBm


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FP1510SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD6836SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
LP1500SOT223Low Noise High Linearity Packaged PHEMT 1 2 Filtronic Compound Semiconductors
LP1500SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD750SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
FPD2250SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750DFNLOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1 2 3 4 5 Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn