Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD750SOT89 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part No. FPD750SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD750SOT89 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FPD750SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 01/05/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
Note: pHEMT devices exhibit non-classical intermodulation performance, with equivalent IP3 values
exceeding 14 dB above P1dB. This IMD enhancement is affected by the quiescent bias current, the
Drain-Source voltage, and the tuning or matching applied to the device.
Maximum Stable Gain & S21
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8
Frequency (GHz)
FPD750SOT89 5V / 50%IDSS
0
5
10
15
20
25
30
35
MSG
S21
Typical Intermodulation Performance
VDS = 5V IDS = 50% IDSS at f = 1.85GHz
10
12
14
16
18
20
-7.1
-6.0
-5.0
-4.0
-3.0
-2.1
-1.0
0.0
1.0
1.9
Input Power (dBm)
-43.00
-38.00
-33.00
-28.00
-23.00
Pout (dBm)
3rds (dBc)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FP1510SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD6836SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
LP1500SOT223Low Noise High Linearity Packaged PHEMT 1 2 Filtronic Compound Semiconductors
LP1500SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD750SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
FPD2250SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750DFNLOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1 2 3 4 5 Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn