Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ10021 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJ10021
Description  NPN SILICON POWER DARLINGTON TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10021 Datasheet(HTML) 2 Page - ON Semiconductor

  MJ10021 Datasheet HTML 1Page - ON Semiconductor MJ10021 Datasheet HTML 2Page - ON Semiconductor MJ10021 Datasheet HTML 3Page - ON Semiconductor MJ10021 Datasheet HTML 4Page - ON Semiconductor MJ10021 Datasheet HTML 5Page - ON Semiconductor MJ10021 Datasheet HTML 6Page - ON Semiconductor MJ10021 Datasheet HTML 7Page - ON Semiconductor MJ10021 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJ10020 MJ10021
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (Table 1)
MJ10020
(IC = 100 mA, IB = 0)
MJ10021
VCEO(sus)
200
250
Vdc
Collector Cutoff Current
(VCEV = Rated Value, VBE(off) = 1.5 Vdc)
(VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 150_C)
ICEV
0.25
5.0
mAdc
Collector Cutoff Current
(VCE = Rated VCEV, RBE = 50 Ω, TC = 100_C)
ICER
5.0
mAdc
Emitter Cutoff Current
(VEB = 2.0 V, IC = 0)
IEBO
175
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with base forward biased
IS/b
See Figure 13
Clamped Inductive SOA with Base Reverse Biased
RBSOA
See Figure 14
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 15 Adc, VCE = 5.0 V)
hFE
75
1000
Collector–Emitter Saturation Voltage
(IC = 30 Adc, IB = 1.2 Adc)
(IC = 60 Adc, IB = 4.0 Adc)
(IC = 30 Adc, IB = 1.2 Adc, TC = 100_C)
VCE(sat)
2.2
4.0
2.4
Vdc
Base–Emitter Saturation Voltage
(IC = 30 Adc, IB = 1.2 Adc)
(IC = 30 Adc, IB = 1.2 Adc, TC = 100_C)
VBE(sat)
3.0
3.5
Vdc
Diode Forward Voltage
(IF = 30 Adc)
Vf
2.5
5.0
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1.0 kHz)
Cob
175
700
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
(VCC = 175 Vdc, IC = 30 A,
IB1 =
Adc, VBE(off) = 5.0 V, tp = 25 µs
Duty Cycle
v 2.0%).
td
0.02
0.2
µs
Rise Time
(VCC = 175 Vdc, IC = 30 A,
IB1 =
Adc, VBE(off) = 5.0 V, tp = 25 µs
Duty Cycle
v 2.0%).
tr
0.30
1.0
µs
Storage Time
IB1 =
Adc, VBE(off) = 5.0 V, tp = 25 µs
Duty Cycle
v 2.0%).
ts
1.0
3.5
µs
Fall Time
v 2.0%).
tf
0.07
0.5
µs
Inductive Load, Clamped (Table 1)
Storage Time
ICM = 30 A(pk), VCEM = 200 V, IB1 = 1.2 A,
VBE(off) = 5 V, TC = 100°C)
tsv
1.2
3.5
µs
Crossover Time
ICM = 30 A(pk), VCEM = 200 V, IB1 = 1.2 A,
VBE(off) = 5 V, TC = 100°C)
tc
0.45
2.0
µs
Storage Time
(ICM = 30 A(pk), VCEM = 200 V, IB1 = 1.2 A,
VBE(off) = 5 V, TC = 25°C)
tsv
0.75
µs
Crossover Time
(ICM = 30 A(pk), VCEM = 200 V, IB1 = 1.2 A,
VBE(off) = 5 V, TC = 25°C)
tc
0.25
µs
Fall Time
VBE(off) = 5 V, TC = 25°C)
tfi
0.15
µs
(1) Pulse Test: PW = 300
µs, Duty Cycle v 2%.


Similar Part No. - MJ10021

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10021 MOSPEC-MJ10021 Datasheet
211Kb / 4P
   POWER TRANSISTORS(60A,200-250V,250W)
logo
Motorola, Inc
MJ10021 MOTOROLA-MJ10021 Datasheet
293Kb / 8P
   60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
New Jersey Semi-Conduct...
MJ10021 NJSEMI-MJ10021 Datasheet
101Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
logo
Continental Device Indi...
MJ10021 CDIL-MJ10021 Datasheet
1Mb / 10P
   NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results

Similar Description - MJ10021

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com