Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1200888083 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1200888083
Description  Nano-Change (M8) Single-Ended Cordset, 3 Poles, Female (Straight) with Snap Coupling to Pigtail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1200888083 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1200888083 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/19/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200888083
Status:
Active
Overview:
Brad Nano-Change (M8) Products
Description:
Nano-Change (M8) Single-Ended Cordset, 3 Poles, Female (Straight) with Snap
Coupling to Pigtail, 24 AWG, PVC/PUR Cable, 1.0m (3.28') Length, PUR Cable
Preferred Version in Europe
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Cordsets
Series
120088
Connector End A
Nano-Change (M8)
Connector End B
Pigtail
IP Rating
IP67
Material - Contact
Copper Alloy
Overview
Brad Nano-Change (M8) Products
Product Name
Nano-Change (M8)
Protocol
N/A
Region
Europe
Type
Single Ended
UPC
78172532456
Physical
Cable Diameter
N/A
Cable Length
2.0m (6.56')
Color - Cable Jacket
Black
Coupling Style
Snap
Gender
Female-Pigtail
Keyway
None
LED Indicator
No
Material - Cable Jacket
PUR/PVC
Material - Connector Body
TPE
Material - Coupling Nut
N/A
Material - Plating Mating
Gold
Net Weight
690.000/g
Orientation
Straight to Pigtail
Poles
3
Temperature Range - Operating
-20°C to +80°C
Wire Size AWG
24
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
60V AC / 75V DC
Material Info
Engineering Number
503000P02M020
Reference - Drawing Numbers
Sales Drawing
SD-120088-020
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ECHA_01_2020 (16
January 2020
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
120088 Series
This document was generated on 02/19/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn