Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVBP-9R6G-S Datasheet(PDF) 8 Page - Mini-Circuits

Part # ZVBP-9R6G-S
Description  Bandpass Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZVBP-9R6G-S Datasheet(HTML) 8 Page - Mini-Circuits

  ZVBP-9R6G-S Datasheet HTML 1Page - Mini-Circuits ZVBP-9R6G-S Datasheet HTML 2Page - Mini-Circuits ZVBP-9R6G-S Datasheet HTML 3Page - Mini-Circuits ZVBP-9R6G-S Datasheet HTML 4Page - Mini-Circuits ZVBP-9R6G-S Datasheet HTML 5Page - Mini-Circuits ZVBP-9R6G-S Datasheet HTML 6Page - Mini-Circuits ZVBP-9R6G-S Datasheet HTML 7Page - Mini-Circuits ZVBP-9R6G-S Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV46
Operating Temperature
-55° to 100°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C
Ambient Environment
Individual Model Data Sheet
Humidity
90 to 95% RH, 40°C, 96 hours;
Units may require bake-out after humidity to restore full
performance.
MIL-STD-202, Method 103, Condintion B
Thermal Shock
-55° to 100°C, 100 cycles
MIL-STD-202, Method 107, Condition A-3, except
+100°C
Vibration (High Frequency)
20g peak, 10-2000 Hz, 12 times in each of three
perpendicular directions (total 36)
MIL-STD-202, Method 204, Condition D
Mechanical Shock
50g, 11ms half-sine, 3 shocks each direction 3 axes (total 18)
MIL-STD-202, Method 213, Condition A
This document and its contents are the property of Mini-Circuits.
Rev:
ENV46
OR
11/24/09
File:
M125459
ENV46.pdf
Page: 1


Similar Part No. - ZVBP-9R6G-S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZVBP-909 MINI-ZVBP-909 Datasheet
431Kb / 3P
   Bandpass Cavity Filter
ZVBP-909++ MINI-ZVBP-909+ Datasheet
431Kb / 3P
   Bandpass Cavity Filter
ZVBP-909-S++ MINI-ZVBP-909-S+ Datasheet
431Kb / 3P
   Bandpass Cavity Filter
More results

Similar Description - ZVBP-9R6G-S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZVBP-5310-S MINI-ZVBP-5310-S Datasheet
891Kb / 3P
   Bandpass Filters
WVBP-733-WR12 MINI-WVBP-733-WR12 Datasheet
395Kb / 2P
   Bandpass Filters
WVBP-783-WR12 MINI-WVBP-783-WR12 Datasheet
395Kb / 2P
   Bandpass Filters
WVBP-583-WR15 MINI-WVBP-583-WR15 Datasheet
375Kb / 2P
   Bandpass Filters
ZVBP-2400 MINI-ZVBP-2400 Datasheet
328Kb / 3P
   Bandpass Filters
ZVBP-5800-S MINI-ZVBP-5800-S Datasheet
514Kb / 3P
   Bandpass Filters
ZVBP-11R7G-S MINI-ZVBP-11R7G-S Datasheet
1Mb / 8P
   Bandpass Filters
WVBP-383-WR28 MINI-WVBP-383-WR28 Datasheet
384Kb / 2P
   Bandpass Filters
ZVBP-4810-S MINI-ZVBP-4810-S Datasheet
683Kb / 3P
   Bandpass Filters
WVBP-283-WR28 MINI-WVBP-283-WR28 Datasheet
385Kb / 2P
   Bandpass Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com