Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YAT-30A Datasheet(PDF) 3 Page - Mini-Circuits

Part No. YAT-30A
Description  Fixed Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

YAT-30A Datasheet(HTML) 3 Page - Mini-Circuits

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
Absolute Maximum Ratings
Operating Case Temperature3
-40°C to 85°C
Storage Temperature
-65°C to 150°C
RF Input Power2
1.0W
3. Case is defined as ground lead.
Permanent damage may occur if any of these limits are exceeded.
YAT-30A+
Electrical Specifications1 at 25°C, 50Ω (CPW)
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Attenuation
0.01
30
dB
DC - 5
29.5
29.97
30.5
5 - 15
29.6
30.41
31.7
15 - 18
30.2
30.95
31.8
VSWR
DC - 5
1.16
1.37
:1
5 - 15
1.12
2.10
15 - 18
1.20
2.10
Input Power2
DC - 18
1.0
W
1. Tested on Mini-Circuits test board TB-YAT-30A+ using coplanar wave guide (CPW) input and output traces (see suggested PCB layout on page 4 of this data sheet)
2. RF Power at 25°C case temperature: 1.0 Watt. Derate linearly to 0.8 W at 85°C.
29.8
30.0
30.2
30.4
30.6
30.8
31.0
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-30A+
ATTENUATION
1.0
1.2
1.4
1.6
1.8
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-30A+
VSWR
Typical Performance Data at 25°C
Frequency
(GHz)
Attenuation
(dB)
VSWR
(:1)
0.01
30.01
1.27
1.0
30.01
1.24
2.0
29.98
1.21
4.0
29.93
1.12
5.0
29.98
1.11
8.0
30.21
1.18
10.0
30.35
1.12
12.0
30.47
1.18
15.0
30.71
1.23
16.0
30.81
1.25
18.0
30.89
1.17
YAT-30A+
TB-YAT-30A+
Characterization Test Circuit
Fig 1. Block diagram of Test Circuit used for characterization, Test board TB-YAT-30A+
Conditions: Attenuation, VSWR: Pin=-10 dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn