Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YAT-10A Datasheet(PDF) 3 Page - Mini-Circuits

Part No. YAT-10A
Description  Fixed Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

YAT-10A Datasheet(HTML) 3 Page - Mini-Circuits

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
Absolute Maximum Ratings
Operating Case Temperature3
-40°C to 85°C
Storage Temperature
-65°C to 150°C
RF Input Power2
1.7W
3. Case is defined as ground lead.
Permanent damage may occur if any of these limits are exceeded.
YAT-10A+
Electrical Specifications1 at 25°C, 50Ω (CPW)
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Attenuation
0.01
10
dB
DC - 5
9.6
9.97
10.4
5 - 15
9.5
9.98
10.5
15 - 18
9.4
10.05
10.6
VSWR
DC - 5
1.09
1.25
:1
5 - 15
1.10
1.70
15 - 18
1.21
1.90
Input Power2
DC - 18
1.7
W
1. Tested on Mini-Circuits test board TB-YAT-10A+ using coplanar wave guide (CPW) input and output traces (see suggested PCB layout on page 4 of this data sheet)
2. RF Power at 25°C case temperature: 1.7 Watt. Derate linearly to 1.0 W at 85°C.
9.9
10.0
10.1
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-10A+
ATTENUATION
1.0
1.2
1.4
1.6
1.8
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-10A+
VSWR
Typical Performance Data at 25°C
Frequency
(GHz)
Attenuation
(dB)
VSWR
(:1)
0.01
9.98
1.14
1.0
9.98
1.12
2.0
9.96
1.10
4.0
9.95
1.07
5.0
9.96
1.03
8.0
9.96
1.09
10.0
9.99
1.12
12.0
9.97
1.13
15.0
10.02
1.20
16.0
10.05
1.24
18.0
10.05
1.26
YAT-10A+
TB-YAT-10A+
Characterization Test Circuit
Fig 1. Block diagram of Test Circuit used for characterization, Test board TB-YAT-10A+
Conditions: Attenuation, VSWR: Pin=-10 dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn