Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YAT-1A Datasheet(PDF) 12 Page - Mini-Circuits

Part # YAT-1A
Description  Fixed Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-1A Datasheet(HTML) 12 Page - Mini-Circuits

Back Button YAT-1A Datasheet HTML 5Page - Mini-Circuits YAT-1A Datasheet HTML 6Page - Mini-Circuits YAT-1A Datasheet HTML 7Page - Mini-Circuits YAT-1A Datasheet HTML 8Page - Mini-Circuits YAT-1A Datasheet HTML 9Page - Mini-Circuits YAT-1A Datasheet HTML 10Page - Mini-Circuits YAT-1A Datasheet HTML 11Page - Mini-Circuits YAT-1A Datasheet HTML 12Page - Mini-Circuits YAT-1A Datasheet HTML 13Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV08T1
Operating Temperature
-40° to 85°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C or -65° to 150°
Ambient Environment
Individual Model Data Sheet
Thermal Shock
-55° to 100°C, 100 cycles
MIL-STD-202, Method 107, Condition A-3, except
+100°C
Mechanical Shock
1.5Kg, 0.5 ms, 5 shock pulses, Y1 direction only
MIL-STD-883, Method 2002, Condition B, except Y1
direction only
Vibration (Variable Frequency)
50g peak
MIL-STD-883, Method 2007, Condition B
Autoclave
15 psig, 100% RH, 121°C, 96 hours
JESD22-A102, Condition C
HAST
130°C, 85% RH, 96 hours
JESD22-A110
Solderability
10X Magnification
J-STD-002, Para 4.2.5, Test S, 95% Coverage
Solder Reflow Heat
Sn-Pb Eutetic Process: 240°C peak
Pb-Free Process: 260°C peak
J-STD-020, Table 4-1, 4-2 and 5-2; Figure 5-1
Moisture Sensitivity: Level 1
Bake at 125°C for 24 hours
Soak at 85°C/85% RH for 168 hours, Reflow 3 cycles at
260°C peak
J-STD-020
Marking Resistance to Solvents
Isopropyl alcohol + mineral spirits at 25°C; terpene defluxer
at 25°C;
distilled water + proylene glycol monomethyl ether +
MIL-STD-202, Method 215
This document and its contents are the property of Mini-Circuits.
Rev:
ENV08T1
B
02/18/11
File:
M130782
ENV08T1.pdf
Page: 1


Similar Part No. - YAT-1A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-1-D MINI-YAT-1-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-10-D MINI-YAT-10-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-10A MINI-YAT-10A Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-10A++ MINI-YAT-10A+ Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
More results

Similar Description - YAT-1A

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
   Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
   Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
   Fixed Attenuator
RCAT-04 MINI-RCAT-04 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
   Fixed Attenuator
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
   Fixed Attenuator
logo
Yantel Corporation
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
   Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
   FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
   FIXED ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com