Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YAT-0A Datasheet(PDF) 4 Page - Mini-Circuits

Part No. YAT-0A
Description  Fixed Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

YAT-0A Datasheet(HTML) 4 Page - Mini-Circuits

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 4 of 4
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here
Performance Data
Data Table
Swept Graphs
Case Style
MC1630 Plastic package, Terminal finish: Matte Tin Plate
Tape & Reel
F108
Standard quantities available on reel
7” reels with 20, 50, 100, 200, 500, 1K, 2K devices.
Suggested Layout for PCB Design
PL-586
Evaluation Board
TB-YAT-0A+
Environmental Ratings
ENV08T1
Suggested PCB Layout (PL-586)
YAT-0A+
ESD Rating
Human Body Model (HBM): Class 2 (Pass 2000 V) per ANSI/ESD STM 5.1-2001
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDEC J-STD-020D
Product Marking
YT00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn