Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YAT-0A Datasheet(PDF) 12 Page - Mini-Circuits

Part No. YAT-0A
Description  Fixed Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

YAT-0A Datasheet(HTML) 12 Page - Mini-Circuits

 
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV08T1
Operating Temperature
-40° to 85°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C or -65° to 150°
Ambient Environment
Individual Model Data Sheet
Thermal Shock
-55° to 100°C, 100 cycles
MIL-STD-202, Method 107, Condition A-3, except
+100°C
Mechanical Shock
1.5Kg, 0.5 ms, 5 shock pulses, Y1 direction only
MIL-STD-883, Method 2002, Condition B, except Y1
direction only
Vibration (Variable Frequency)
50g peak
MIL-STD-883, Method 2007, Condition B
Autoclave
15 psig, 100% RH, 121°C, 96 hours
JESD22-A102, Condition C
HAST
130°C, 85% RH, 96 hours
JESD22-A110
Solderability
10X Magnification
J-STD-002, Para 4.2.5, Test S, 95% Coverage
Solder Reflow Heat
Sn-Pb Eutetic Process: 240°C peak
Pb-Free Process: 260°C peak
J-STD-020, Table 4-1, 4-2 and 5-2; Figure 5-1
Moisture Sensitivity: Level 1
Bake at 125°C for 24 hours
Soak at 85°C/85% RH for 168 hours, Reflow 3 cycles at
260°C peak
J-STD-020
Marking Resistance to Solvents
Isopropyl alcohol + mineral spirits at 25°C; terpene defluxer
at 25°C;
distilled water + proylene glycol monomethyl ether +
MIL-STD-202, Method 215
This document and its contents are the property of Mini-Circuits.
Rev:
ENV08T1
B
02/18/11
File:
M130782
ENV08T1.pdf
Page: 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn