Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FL086-6KM Datasheet(PDF) 6 Page - Mini-Circuits

Part No. FL086-6KM
Description  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

FL086-6KM Datasheet(HTML) 6 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV98
Operating Temperature
-55° to 105°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 105°C
Ambient Environment
Individual Model Data Sheet
Thermal Shock
-55° to 105°C, 25 cycles
MIL-STD-202F: Method 107G
Multiple Bend Radius
40mm, 5 times for FL141 series cables
30 mm, 5 times for FL086 series cables
Single Bend Radius
10 mm for FL141 series cables
6 mm for FL086 series cables
This document and its contents are the property of Mini-Circuits.
Rev:
ENV98
OR
05/08/18
File:
M167750
ENV98.pdf
Page: 1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn