Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FL086-6KM Datasheet(PDF) 2 Page - Mini-Circuits

Part No. FL086-6KM
Description  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

FL086-6KM Datasheet(HTML) 2 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. 1
ECO-000248
FL086-6KM+
WP/CP/AM
191008
Features
• Wideband frequency coverage, DC to 40 GHz
• Low Loss, 0.9 dB typ. up to 40 GHz
• Excellent Return Loss, 29 dB typ. up to 40 GHz
• Flexible
• 6mm bend radius for tight installations
• Insulated outer jacket standard
• Connector interface, meets MIL-STD-348
Ideal for interconnect of assembled systems
Applications
• Replacement for custom bent 0.086" semi-rigid cables
• Communication receivers and transmitters
• Military and aerospace systems
• Environmental and test chambers
• Test accessory
50Ω
6 inch DC to 40 GHz
FL086-6KM+
Outline Dimensions (
)
inch
mm
Coaxial Cable
Cable Construction
Outline Drawing
Permanent damage may occur if any of these limits are exceeded.
1. Custom sizes available, consult factory.
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
FL086-6KM+
INSERTION LOSS
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
2.92mm-Male
292mm-Male
0
20
40
60
80
100
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
FL086-6KM+
RETURN LOSS
2.92mm Male
2.92mm Male
10
0.01
56.42
53.61
100
0.05
42.79
43.15
500
0.12
31.27
31.59
1000
0.16
35.20
37.63
3000
0.27
28.22
27.99
5000
0.33
27.64
28.58
7000
0.37
35.60
35.03
10000
0.43
40.40
38.70
13000
0.48
39.58
38.95
18000
0.57
25.62
26.08
23000
0.64
40.64
26.22
26500
0.71
27.26
25.34
33000
0.84
20.40
31.50
38000
0.87
23.60
24.49
40000
0.87
30.82
19.34
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
40
GHz
Length1
6
inches
Insertion Loss
DC - 6
0.2
0.6
dB
6 - 18
0.4
1.0
18 - 26.5
0.6
1.3
26.5 - 40
0.8
1.6
Return Loss
DC - 18
19
30
dB
18 - 40
17
29
Center Conductor: Silver Plated Copper Clad Steel
Dielectric: Fine Powder PTFE
Inner Shield: Silver Plated Copper Tape
Outer Shield: Silver Plated Copper Braid
Jacket: FEP, Blue
Connectors:
- Coupling Nut: Stainless Steel Passivated
- Body: Stainless Steel Gold Plated
- Center Pin: Brass, Gold Plated
(Unjacketed cable also availabe upon request)
A
B
C1
C2
D
E1
6.0
.36
.315
--
.36
.315
152.40
9.14
8.00
--
9.14
8.00
E2
T
wt
--
0.05
grams
--
1.27
9.30
F
0.106±.004
2.64±0.1
Flexible
Maximum Ratings
Operating Temperature
-55°C to 105°C
Storage Temperature
-55°C to 105°C
Power Handling at 25°C,
198W at 0.5 GHz
Sea Level
140W at
1 GHz
99W at
2 GHz
57W at
6 GHz
45W at
10 GHz
33W at
18 GHz
16W at 26.5 GHz
13W at 40 GHz
CASE STYLE: SE2929-6
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Connectors
Model
2.92mm-Male
FL086-6KM+


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn