Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FL086-6KM Datasheet(PDF) 1 Page - Mini-Circuits

Part No. FL086-6KM
Description  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

FL086-6KM Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial Cable
FL086-XXKM+ Model Series
The Big Deal
Product Overview
The FL086 Series Flexible Coaxial Cables are ideal for interconnection of coaxial components or sub-systems.
The construction includes a silver-plated copper-clad steel center conductor. The outer shield is copper braid, tin
soaked, which minimizes signal leakage and at the same time flexible for easy bend. Dielectric is low loss PTFE.
Connectors have passivated stainless-steel coupling nut over a gold plated connector body with gold plated brass
center conductor. The FL086 Series Flexible cables are available in variety of length to meet your requirements.
Key Features
CASE STYLE: SE2929-XX
XX= cable length in inches
• Flexible
• Tight Bend Radius, 6mm
• Excellent Return Loss and Insertion Loss
• Ideal for interconnect of assembled systems
50Ω
DC to 40 GHz
Feature
Advantages
Flexible RF Cables
The FL086 Series Flexible cables are ideal for use integrating coaxial components and sub-
assemblies without the need for special cable-bending tools and alleviating the risk of damage
during the bending process typical of semi-rigid coaxial cable assemblies.
Tight Bend Radius: 6mm
Capable of only 6mm bend radius, the FL086 Flexible series is able to make connections in tight
spaces making these cables ideal for dense system integration
Excellent Return loss
• 31 dB typ. up to 18 GHz
• 28 dB typ. up to 40 GHz
The FL086 Series Flexible Cables are ideally suited for interconnecting a wide variety of RF
components while minimizing VSWR ripple contribution due to mating cables & connectors.
Good Power Handling Capability:
• 198W at 0.5 GHz
• 13W at 40 GHz
Mini-Circuits FL086 Cable series can support medium to high RF power levels enabling these
cables to be used in the transmit path. NOTE: power rating is at sea-level altitudes.
Flexible


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn