Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FL086-4KM Datasheet(PDF) 3 Page - Mini-Circuits

Part No. FL086-4KM
Description  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

FL086-4KM Datasheet(HTML) 3 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Flexible Coaxial Cable, 2.92mm-M/2.92mm-M
FL086-4KM+
Typical Performance Data
FREQUENCY
INSERTION
LOSS
2.92mm-MALE 1
RETURN LOSS
2.92mm-MALE 2
RETURN LOSS
(MHz)
(dB)
(dB)
(dB)
10
0.00
61.35
56.94
50
0.02
52.57
52.50
100
0.03
48.26
49.26
200
0.05
42.45
43.13
300
0.06
38.57
39.35
400
0.07
35.57
36.56
500
0.08
33.63
34.41
600
0.09
32.18
32.94
700
0.10
31.20
31.83
800
0.11
30.65
31.10
900
0.11
30.51
30.80
1000
0.12
30.72
30.83
1500
0.13
38.15
39.47
2000
0.16
29.61
30.08
2500
0.17
31.15
31.10
3000
0.18
32.03
34.09
3500
0.20
27.85
27.81
4000
0.20
37.15
46.82
4500
0.22
25.63
25.78
5000
0.22
33.45
33.27
5500
0.23
26.38
26.77
6000
0.24
27.37
27.09
6500
0.24
29.17
29.70
7000
0.26
23.68
23.61
7500
0.25
38.91
38.90
8000
0.28
22.29
22.27
9000
0.29
23.40
23.41
10000
0.28
28.50
28.62
11000
0.28
36.80
37.33
12000
0.30
26.82
26.57
13000
0.33
22.65
22.65
14000
0.34
22.06
22.16
15000
0.34
24.39
24.61
16000
0.34
30.49
31.11
17000
0.35
38.23
37.99
18000
0.36
30.37
30.10
20000
0.39
26.79
27.63
22000
0.40
33.15
27.70
23000
0.41
36.15
27.39
24000
0.43
32.69
29.04
26500
0.46
34.60
31.68
28000
0.48
30.40
31.28
30000
0.51
28.69
28.07
32000
0.54
24.23
31.88
33000
0.56
23.79
37.72
34000
0.57
25.66
27.96
36000
0.57
40.68
37.96
38000
0.57
32.50
27.21
40000
0.57
22.91
28.79
REV. OR
FL086-4KM+
10/23/2019
Page 1 of 1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn