Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL086-3KM Datasheet(PDF) 3 Page - Mini-Circuits

Part # FL086-3KM
Description  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

FL086-3KM Datasheet(HTML) 3 Page - Mini-Circuits

  FL086-3KM Datasheet HTML 1Page - Mini-Circuits FL086-3KM Datasheet HTML 2Page - Mini-Circuits FL086-3KM Datasheet HTML 3Page - Mini-Circuits FL086-3KM Datasheet HTML 4Page - Mini-Circuits FL086-3KM Datasheet HTML 5Page - Mini-Circuits FL086-3KM Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Flexible Coaxial Cable, 2.92mm-M/2.92mm-M
FL086-3KM+
Typical Performance Data
FREQUENCY
INSERTION
LOSS
2.92mm-MALE 1
RETURN LOSS
2.92mm-MALE 2
RETURN LOSS
(MHz)
(dB)
(dB)
(dB)
10
0.01
52.53
52.05
50
0.02
54.93
56.17
100
0.02
53.67
52.28
200
0.03
47.53
47.37
300
0.05
44.34
43.80
400
0.06
42.48
41.73
500
0.07
39.89
39.06
600
0.07
37.41
36.34
700
0.08
35.61
35.38
800
0.09
34.36
34.06
900
0.09
33.51
32.95
1000
0.10
32.32
32.06
1500
0.12
29.43
29.60
2000
0.13
32.93
32.95
2500
0.14
39.44
38.33
3000
0.14
28.68
28.86
3500
0.14
29.06
29.64
4000
0.15
40.29
45.67
4500
0.17
30.30
30.58
5000
0.18
29.83
29.36
5500
0.18
52.68
53.82
6000
0.20
28.51
28.66
6500
0.21
28.31
28.42
7000
0.21
40.15
52.58
7500
0.22
26.39
26.66
8000
0.23
24.61
24.33
9000
0.23
27.48
27.88
10000
0.23
27.11
26.93
11000
0.26
22.09
22.03
12000
0.24
44.94
45.93
13000
0.27
22.73
22.07
14000
0.26
27.82
26.08
15000
0.27
26.07
25.79
16000
0.28
24.31
24.53
17000
0.28
39.44
33.35
18000
0.30
28.12
25.47
20000
0.32
26.12
28.89
22000
0.34
24.57
26.18
23000
0.35
26.77
27.51
24000
0.35
33.57
35.29
26500
0.38
32.41
33.57
28000
0.39
35.07
32.96
30000
0.42
23.66
25.79
32000
0.42
28.72
23.96
33000
0.43
44.70
31.60
34000
0.45
28.15
21.57
36000
0.48
24.76
29.30
38000
0.52
25.74
27.98
40000
0.58
24.79
26.76
REV. OR
FL086-3KM+
10/23/2019
Page 1 of 1


Similar Part No. - FL086-3KM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
FL086-12-35M MINI-FL086-12-35M Datasheet
662Kb / 6P
   Coaxial Cable
FL086-12-35M++ MINI-FL086-12-35M+ Datasheet
662Kb / 6P
   Coaxial Cable
FL086-12KM MINI-FL086-12KM Datasheet
697Kb / 6P
   Coaxial Cable
FL086-12KM++ MINI-FL086-12KM+ Datasheet
697Kb / 6P
   Coaxial Cable
FL086-12NM MINI-FL086-12NM Datasheet
264Kb / 2P
   Coaxial Cable
More results

Similar Description - FL086-3KM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
   Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
   Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
   Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
   Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
   Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
   Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
   Coaxial Cable
086-11SM MINI-086-11SM Datasheet
547Kb / 3P
   Coaxial Cable
086-14SBSM MINI-086-14SBSM Datasheet
443Kb / 2P
   Coaxial Cable
086-18KM MINI-086-18KM Datasheet
304Kb / 2P
   Coaxial Cable
141-5SMRSM MINI-141-5SMRSM Datasheet
542Kb / 3P
   Coaxial Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com