Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-A587R5 Datasheet(PDF) 8 Page - Mini-Circuits

Part # BPF-A587R5
Description  Bandpass Filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-A587R5 Datasheet(HTML) 8 Page - Mini-Circuits

Back Button BPF-A587R5 Datasheet HTML 3Page - Mini-Circuits BPF-A587R5 Datasheet HTML 4Page - Mini-Circuits BPF-A587R5 Datasheet HTML 5Page - Mini-Circuits BPF-A587R5 Datasheet HTML 6Page - Mini-Circuits BPF-A587R5 Datasheet HTML 7Page - Mini-Circuits BPF-A587R5 Datasheet HTML 8Page - Mini-Circuits BPF-A587R5 Datasheet HTML 9Page - Mini-Circuits BPF-A587R5 Datasheet HTML 10Page - Mini-Circuits BPF-A587R5 Datasheet HTML 11Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
98-TR-F83 Rev.: A (08/14/09) M124108
M107182 File: 98-TR-F83.doc
Sheet 1 of 1
This document and its contents are the property of Mini-Circuits.
Tape & Reel Packaging TR-F83
Tape Width,
mm
Device Cavity
Pitch, mm
Reel Size,
inches
Devices per Reel
56
16
13
100
Mini-Circuits carrier tape materials provide protection from ESD (Electro-Static Discharge) during handling
and transportation. Tapes are static dissipative and comply with industry standards EIA-481/EIA-541.
Go to: www.minicircuits.com/pages/pdfs/tape.pdf


Similar Part No. - BPF-A587R5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-A580 MINI-BPF-A580 Datasheet
446Kb / 1P
   Bandpass Filter
More results

Similar Description - BPF-A587R5

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com