Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBP-140 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. BBP-140
Description  Bandpass Filter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

BBP-140 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• High rejection, 50 dB typ.
• Good VSWR, 1.3:1 typ.
• Fast roll-off
• Narrow bandwidth
• Connectorized package
Product Overview
BBP-140+ is a 50W bandpass filter in a connectorized package. This bandpass filter covers from 130 to 150 MHz,
these units offer good matching within the passband and high rejection. This unit uses a miniature high Q capacitors
and wire welded inductors for high reliability. It has repeatable performance across production lots and consistent
performance across temperature.
Key Features
BBP-140+
50W
130 to 150 MHz
CASE STYLE: FF55
Bandpass Filter
Coaxial
Generic photo used for illustration purposes only
Feature
Advantages
High rejection, 50 dB typ.
This enables the filter to attenuate spurious signals and reject harmonics for broad frequency band.
Good VSWR, 1.3:1 typ.
This provides well matched input and output ports.
Connectorized package
Connectorized package is easy to interface with other devices and well suited for test setups.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn