Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE75242-ESH Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # TLE75242-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESH Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button TLE75242-ESH Datasheet HTML 50Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 51Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 52Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 53Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 54Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 55Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 56Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 57Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 83 page
background image
Datasheet
54
Rev. 1.0
2017-11-23
TLE75242-ESH
SPIDER+ 12V
Diagnosis
– If one channel is OFF when the diagnosis is performed, the corresponding DIAG_OLON.OUTn is set to
“0B
• Diagnosis sequence for channels driven by the internal PWM Generators (see Chapter 7.5)
– These channels are diagnosed only after all channels directly driven by micro-controller are checked
– Channels mapped to PWM Generator 0 are diagnosed first
–After a time tOLONSET the channel activation (switch ON) is the trigger event to perform Open Load at ON
diagnosis for the first channel
–After a time tONMAX + tOLONSW the diagnosis for the first channel is completed (DIAG_OLON.OUTn bit is
updated)
– The internal multiplexer is set to the next channel. After a time tOLONSW the diagnosis is completed
(DIAG_OLON.OUTn bit is updated) for the currently selected channel. This step is repeated for all
remaining PWM generator driven channels.
If the channel is in OFF state during the PWM period, the internal logic waits for the ON state to perform
the diagnosis. After a time tONMAX + tOLONSW the diagnosis for that channel is completed.
– The minimum ON time for a reliable diagnosis is > tONMAX + tOLONSW. If the ON time is < tONMAX + tOLONSW the
corresponding DIAG_OLON.OUTn is set to “0B”.
When the loop finishes, DIAG_OLONEN.MUX bits are set back to 1111B (default value) and DIAG_OLON.OUTn
bits store the last diagnosis loop result. It is necessary to start another diagnosis loop to update the register
content.
Figure 31 shows the timing in case of channels driven directly by micro-controller, while Figure 32 represents
the case with channels driven by internal PWM Generators.
Figure 31 Open Load at ON timings (diagnosis loop - channels driven by micro-controller directly)
IL2
OpenLoadON_loop_ext_6ch.emf
DIAG_OLONEN.MUX
1111
1010
t
t
tOLONSET
DIAG_OLON.OUT2
0
t
t
tOLONSW
DIAG_OLON.OUT3
t
1
IL3
1111
t
DIAG_OLON.OUT7
t
0
IL7
Ch. 2
(ON)
Ch. 3 (ON in
Open Load)
Ch. 7 (OFF)
tOLONSW tOLONSW tOLONSW tOLONSW
IL(OL)


Similar Part No. - TLE75242-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Similar Description - TLE75242-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com