Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE75242-ESH Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE75242-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESH Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE75242-ESH Datasheet HTML 49Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 50Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 51Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 52Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 53Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 54Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 55Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 56Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
Datasheet
53
Rev. 1.0
2017-11-23
TLE75242-ESH
SPIDER+ 12V
Diagnosis
9.3.1
Open Load at ON - direct channel diagnosis
When DIAG_OLONEN.MUX bits are programmed with a value corresponding to a channel (0010B → 0111B), the
internal multiplexer checks for Open Load at ON condition on the selected channel. It is recommended that
the channel is ON for at least tON before activating the diagnosis. After a time tOLONSET the corresponding
DIAG_OLON.OUTn bit for the selected channel is available. All the other bits in the DIAG_OLON register are
set to default (“0B”). The bits are updated every time the register is read.
When a channel is selected, the corresponding DIAG_OLON.OUTn bit content is mirrored also in the Standard
Diagnosis (bit OLON). In case of several register readouts in sequence the register content is updated at every
read request from micro-controller. See Figure 30 for further details.
Figure 30 Open Load at ON timings (direct channels diagnosis)
9.3.2
Open Load at ON - diagnosis loop
When DIAG_OLONEN.MUX bits are programmed with the value 1010B, the device starts a diagnosis loop
where all auto-configurable (when used as high-side switches) and high-side channels are checked for Open
Load at ON. The internal multiplexer is controlled by the internal logic, therefore there is no need for the
micro-controller to send any additional command.
First the internal logic checks all channels which are directly driven by the micro-controller and not configured
to be driven by the internal PWM generator, then the internal logic checks all channels which are configured
to be driven by the internal PWM generator.
• Diagnosis sequence for channels driven directly by the micro-controller
– First channel checked: channel 2. It is recommended that the channels are ON at least tON before
activating the diagnosis loop.
–After a time tOLONSET + tSYNC the diagnosis for the first channel is completed (DIAG_OLON.OUTn bit is
updated)
– The internal multiplexer is set to the next channel. After a time tOLONSW + tSYNCthe diagnosis is completed
(DIAG_OLON.OUTn bit is updated) for the currently selected channel. This step is repeated for all
remaining directly driven channels.
INn
ILn
t
OpenLoadON_direct.emf
OUT.OUTn
DIAG_OLONEN.MUX
1111
≠ 1111 (ch. n)
tON
t
t
tOLONSET
DIAG_OLON.OUTn
0
t
t
SPI readout of
DIAG_OLON.OUTn
1
0
1
IL(OL)
tOLONSW
tOLONSW


Similar Part No. - TLE75242-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Similar Description - TLE75242-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com