Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS7006-1EPZ Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # BTS7006-1EPZ
Description  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPZ Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button BTS7006-1EPZ Datasheet HTML 23Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 24Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 25Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 26Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 27Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 28Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 29Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 30Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Data Sheet
27
Rev. 1.00
2019-10-15
BTS7006-1EPZ
PROFET™+2 12V
Power Stages
ON-State Resistance in
Inverse Current at TJ = 175 °C
RDS(INV)_175 ––15
1)
TJ = 175 °C
VS = 13.5 V
IL = -4 A
DEN = “low”
see Figure 18
P_7.5.12.19
ON-State Resistance in
Reverse Polarity at TJ = 25 °C
RDS(REV)_25
14.3
1)
TJ = 25 °C
VS = -13.5 V
IL = -4 A
see Figure 29
P_7.5.12.6
ON-State Resistance in
Reverse Polarity at
TJ = 150 °C
RDS(REV)_150 ––24
TJ = 150 °C
VS = -13.5 V
IL = -4 A
P_7.5.12.7
Nominal Load Current
IL(NOM)
12.5
A
1)
TA = 85 °C
TJ ≤ 150 °C
P_7.5.12.8
Nominal Load Current
IL(NOM)_125
–8
A
1)
TA = 125 °C
150 °C < TJ ≤ 175 °C
P_7.5.12.22
Output Leakage Current at
TJ ≤ 85 °C
IL(OFF)_85
–0.01
0.4
μA
1)
VOUT = 0 V
VIN = “low”
TA ≤ 85 °C
P_7.5.12.9
Output Leakage Current at
TJ = 150 °C
IL(OFF)_150
––10
μA
VOUT = 0 V
VIN = “low”
TA = 150 °C
P_7.5.12.10
Output Leakage Current at
TJ = 175 °C
IL(OFF)_175
–17
60
μA
1)
VOUT = 0 V
VIN = “low”
TA = 175 °C
P_7.5.12.21
Inverse Current Capability
IL(INV)
-12.5
A
1)
VS < VOUT
IN = “high”
-40 °C < TJ ≤ 150 °C
see Figure 18
P_7.5.12.11
Voltage Slope
Passive Slew Rate (e.g. for
Half Bridge Configuration)
|dVOUT / dt| ––10
V/μs 1)
VS = 13.5 V
see Figure 20
P_7.5.12.12
Voltages
Drain Source Diode Voltage |VDS(DIODE)| –
550
700
mV
IL = -190 mA
TJ = 150 °C
P_7.5.12.13
Table 13
Electrical Characteristics: Power Stages - 6 mΩ (continued)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


Similar Part No. - BTS7006-1EPZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7006-1EPP INFINEON-BTS7006-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
More results

Similar Description - BTS7006-1EPZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7006-1EPP INFINEON-BTS7006-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-1EPZ INFINEON-BTS7008-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7012-1EPA INFINEON-BTS7012-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30
BTS7008-1EPP INFINEON-BTS7008-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7004-1EPZ INFINEON-BTS7004-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7002-1EPP INFINEON-BTS7002-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7040-1EPZ INFINEON-BTS7040-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com