Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS7006-1EPZ Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # BTS7006-1EPZ
Description  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPZ Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button BTS7006-1EPZ Datasheet HTML 19Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 20Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 21Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 22Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 23Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 24Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 25Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 26Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Data Sheet
23
Rev. 1.00
2019-10-15
BTS7006-1EPZ
PROFET™+2 12V
Power Stages
Figure 18 Inverse Current Circuitry
Figure 19 InverseON - Channel behavior in case of applied Inverse Current
Note:
No protection mechanism like Overtemperature or Overload protection is active during applied
Inverse Currents.
OUT
VS
VBAT
-IL
INV
Comp.
VOUT > VS
Gate
Driver
Device
Logic
GND
PowerStage_Inverse_HEAT.emf
OFF
OFF
CASE 2 : Switch is OFF
IN
t
IL
t
DMOS state
t
INVERSE
NORMAL
NORMAL
ON
INVERSE
NORMAL
IL
t
DMOS state
t
ON
CASE 1 : Switch is ON
IN
t
NORMAL
OFF
ON
CASE 4 : Switch OFF into Inverse Current
IN
t
IL
t
DMOS state
t
INVERSE
NORMAL
NORMAL
ON
INVERSE
NORMAL
IL
t
DMOS state
t
OFF
CASE 3 : Switch ON into Inverse Current
IN
t
NORMAL
OFF
ON
ON
OFF
PowerStage_InvCurr_INVON.emf


Similar Part No. - BTS7006-1EPZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7006-1EPP INFINEON-BTS7006-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
More results

Similar Description - BTS7006-1EPZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7006-1EPP INFINEON-BTS7006-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-1EPZ INFINEON-BTS7008-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7012-1EPA INFINEON-BTS7012-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30
BTS7008-1EPP INFINEON-BTS7008-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7004-1EPZ INFINEON-BTS7004-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7002-1EPP INFINEON-BTS7002-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7040-1EPZ INFINEON-BTS7040-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com