Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS7006-1EPP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS7006-1EPP
Description  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS7006-1EPP Datasheet HTML 5Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 6Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 7Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 8Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 9Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 10Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 11Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 12Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Data Sheet
9
Rev. 1.04
2019-10-15
BTS7006-1EPP
PROFET™+2 12V
General Product Characteristics
4.3
Functional Range
Note:
Within the functional or operating range, the IC operates as described in the circuit description. The
electrical characteristics are specified within the conditions given in the Electrical Characteristics
tables.
Maximum Energy Dissipation
Repetitive Pulse
EAR
––
24
mJ
IL = IL(NOM)
TJ(0) = 85 °C
VS = 13.5 V
1M cycles
P_4.2.12.2
Load Current
|IL|–
IL(OVL0),
MAX
A–
P_4.2.12.3
1) Not subject to production test - specified by design.
Table 5
Functional Range - Supply Voltage and Temperature1)
1) Not subject to production test - specified by design.
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltage Range for
Normal Operation
VS(NOR)
6
13.5
18
V
P_4.3.0.1
Lower Extended Supply
Voltage Range for Operation
VS(EXT,LOW)
3.1
6
V
2)3)
(parameter
deviations possible)
2) In case of VS voltage decreasing: VS(EXT,LOW),MIN =3.1 V. In case of VS voltage increasing: VS(EXT,LOW),MIN =4.1 V.
P_4.3.0.2
Supply Voltage Range
reached after Overload
Protection activation
leadingto“Undervoltageon
VS” condition
VS(EXT,CVG)
––
3.1
V
CVSGND is required
when the Overload
Protection is
triggered (see
Chapter 8.2) and
the observed
number of retries is
different from what
specified in
Chapter 8.3.1
P_4.3.0.7
Upper Extended Supply
Voltage Range for Operation
VS(EXT,UP)
18
28
V
3)
(parameter
deviations possible)
3) Protection functions still operative.
P_4.3.0.3
Junction Temperature
TJ
-40
150
°C
P_4.3.0.5
Table 4
Absolute Maximum Ratings1) (continued)
TJ = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


Similar Part No. - BTS7006-1EPP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7006-1EPZ INFINEON-BTS7006-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
More results

Similar Description - BTS7006-1EPP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7006-1EPZ INFINEON-BTS7006-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-1EPZ INFINEON-BTS7008-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7012-1EPA INFINEON-BTS7012-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30
BTS7008-1EPP INFINEON-BTS7008-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7004-1EPZ INFINEON-BTS7004-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7002-1EPP INFINEON-BTS7002-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7040-1EPZ INFINEON-BTS7040-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com