Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3320S Datasheet(PDF) 13 Page - Infineon Technologies AG

Part No. AUIR3320S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3320S Datasheet(HTML) 13 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AUIR3320S
13
2017-7-11
Part Marking Information
Qualification Information
Qualification Level
Automotive
(per AEC-Q100)
Comments: This family of ICs has passed an Automotive qualification.
IR’s
Industrial and Consumer qualification level is granted by extension of the
higher Automotive level.
Moisture Sensitivity Level
D2PAK-5L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class M3 (400V)
(per AEC-Q100-003)
Human Body Model
Class H2 (4,000 V)
(per AEC-Q100-002)
Charged Device Model
Class C4 (1000 V)
(per AEC-Q100-011)
IC Latch-Up Test
Class II, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn