Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3320S Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. AUIR3320S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3320S Datasheet(HTML) 9 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AUIR3320S
9
2017-7-11
0
10
20
30
40
-50
0
50
100
150
60°C/W
35°C/W
Figure 10
– Error (+/- A) Vs I load (A)
Rifb, feedback resistor (
)
10
100
100
1000
10000
Figure 11
– Ids (A) Vs Rifb (
)
I load, load current (A)
Figure 12
– Max. Iout (A) Vs Tamb. (°C)
Tamb., ambient temperature (°C)
Figure 13
– Max. Iout (A) Vs inductance (µH)
Inductance (µH)
10
100
10
100
1000
0
2
4
6
8
10
12
0
20
40
With calibration
Spec. Max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn