Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3320S Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. AUIR3320S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3320S Datasheet(HTML) 6 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AUIR3320S
6
2017-7-11
Figure 2
– Switching time definitions
Figure 1
– Voltages and current definitions
Lead Assignments
1- In
2- Ifb
3- Vcc (tab)
4- Out
5- Out
1 2
4 5
D²Pak
3- Vcc
Vcc-Vin
Vih
Vil
Vhyst
Iin
Icc
Tr-in
90%
10%
90%
10%
Td on
Tr1
Td off
Tf
Vcc-5V
Tr2
Ifb
IN
Vcc
Out
IR3320
Ifb
Vcc-Vout
Vclamp1
Vclamp2
Iout
Isd
Vout
Vcc-Vin
tr-in
90%
10%
90%
10%
td on
tr1
td off
tf
Vcc-5V
tr2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn