Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3320S Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. AUIR3320S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3320S Datasheet(HTML) 4 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AUIR3320S
4
2017-7-11
Protection Characteristics
Tj=-40°..150°C, Vcc=6..26V, Rifb=500 to 3.5k
. Typical value are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vifb-Vin@Isd
Over-current shutdown threshold
3.8
4.7
5.9
V
Tsd
Over temperature threshold
165
°C
See fig. 5
OV
Over voltage protection (not latched)
26
29
33
V
Isdf
Fixed over current shutdown
55
75
105
A
Vifb<Vifb-Vin@Isd
Isd_560
Programmable over current shutdown
34
50
71
Rifb=560
Treset
Time to reset protection
50
500
µs
See fig. 5
Min. pulse
Min. pulse width (no WAIT state)
900
2000
Tj=25°C
WAIT
WAIT function timer
0.4
1
2
ms
See fig. 4 and 5
Rds(on) rev.
Reverse battery On state resistance,
Tj=25°C
4
6
m
Vcc-Vin=-14V,
Iout=30A
Tj=125°C
6
9
Static Electrical Characteristics
Tj=-40°..150°C, Vcc=6..26V (unless otherwise specified). Typical value are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vcc op.
Operating Voltage range
6
26
V
Icc off
Supply leakage current
1.5
5
µA
Vin=Vcc, Vcc-Vout=14V,
Vcc-Vifb=14V, Tj=25°C
Iin, on
On state IN positive current
1.5
3
6
mA
Vcc-Vin=14V, Tj=25°C
Vih
High level Input threshold voltage (4)
5.4
6.3
V
Vil
Low level Input threshold voltage (4)
4
4.9
5.8
Vhyst
Input hysteresis Vih-Vil
0.2
0.4
1.5
Iout
Drain to source leakage current
1.2
5
µA
Vin=Vcc, Vcc-Vifb=0V,
Vcc-Vout=14V, Tj=25°C
Rds(on)
On state resistance (5) Tj=25°C
3.3
4
m
Iout=30A, Vcc-Vin=14V
On state resistance (5) Tj=25°C
3.5
5.5
Iout=17A, Vcc-Vin=6V
On state resistance (5)(6) Tj=150°C
5.5
6.5
Iout=30A, Vcc-Vin=14V
V clamp1
Vcc to Vout clamp voltage 1
36
39
43
V
Iout=50mA
V clamp2
Vcc to Vout clamp voltage 2
40
Iout=30A, Tj=25°C
(4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between
the load current path and the input signal path can significantly affect the thresholds.
(5) Rdson is measured between the tab and the Out pin, 5mm away from the package.
(6) Guaranteed by design
Switching Electrical Characteristics
Vcc=14V, Resistive load=0.5
, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn on delay time to 10% Vcc
70
170
300
µs
See figure 2
tr1
Rise time to Vcc-Vout=5V
30
100
210
tr2
Rise time to Vcc-Vout=0.1Vcc
30
125
250
Eon
Turn on energy
15
mJ
Tdoff
Turn off delay time
30
70
140
µs
Tf
Fall time to Vout=10% of Vcc
20
100
250
Eoff
Turn off energy
9
mJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn