Electronic Components Datasheet Search |
|
AUIR3320S Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
AUIR3320S Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 15 page AUIR3320S 3 2017-7-11 Absolute Maximum Ratings Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are referenced to Vcc lead. (Tj=-40°..150°C, Vcc=6.26V Tambient=25°C unless otherwise specified). Symbol Parameter Min. Max. Units Vcc-Vin Maximum Vcc voltage -16 37 V Vcc-Vin cont. Maximum continuous Vcc voltage -16 26 Vcc-Vfb Maximum Ifb voltage -16 33 Vcc-Vout Maximum output voltage -0.3 37 Ids cont. Maximum body diode continuous current Rth=60°C/W (1) Tambient=25°C 2.8 A Ids pulsed Maximum body diode pulsed current (1) 100 Pd Maximum power dissipation Rth=60°C/W Tambient=25°C 2 W Tj max. Maximum operating junction temperature -40 150 °C Maximum storage temperature -55 150 Min Rfb Minimum on the resistor on Ifb pin 0.3 k Ifb max. Max. Ifb current -50 50 mA (1) Limited by junction temperature. Pulsed is also limited by wiring Thermal Characteristics Symbol Parameter Typ. Max. Units Rth1 Thermal resistance junction to ambient D²-Pak Std footprint 60 °C/W Rth2 Thermal resistance junction to ambient D²- Pak 1” sqrt. footprint 40 Rth3 Thermal resistance junction to case D²-Pak 0.7 Recommended Operating Conditions These values are given for a quick design. For operation outside these conditions, please consult the application notes. Symbol Parameter Min. Max. Units Iout Continuous output current A Tambient=85°C, Rth=5°C/W, Tj=150°C 45 Tambient=85°C, Rth=40°C/W, Tj=150°C 16 Rifb Recommended Ifb resistor (2)(3) 0.3 3.5 k Pulse min. Minimum turn-on pulse width 1 ms Fmax. Maximum operating frequency 200 Hz (2) If Rifb is too low, the device can be damaged. (3) If Rifb is too high, the device may not switch on. |
Similar Part No. - AUIR3320S |
|
Similar Description - AUIR3320S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |