Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3316 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. AUIR3316
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3316 Datasheet(HTML) 10 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AUIR3316(S)
www.irf.com
10
0.1
1
10
100
1.E-4
1.E-3
1.E-2
1.E-1
1.E+0 1.E+1
1.E+2
50°C/W free air
5°C/W
10
100
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Tamb=25°C
Tamb=100°C
Protection response time (s)
Time (s)
Figure 14 – Ids (A) Vs over temperature protection
response time (s)
Figure 15 – Transient thermal impedance (°C/W)
Vs time (s)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn